Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPWA-XH00 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # HPWA-XH00
Description  SuperFlux LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWA-XH00 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button HPWA-XH00 Datasheet HTML 2Page - Lumileds Lighting Company HPWA-XH00 Datasheet HTML 3Page - Lumileds Lighting Company HPWA-XH00 Datasheet HTML 4Page - Lumileds Lighting Company HPWA-XH00 Datasheet HTML 5Page - Lumileds Lighting Company HPWA-XH00 Datasheet HTML 6Page - Lumileds Lighting Company HPWA-XH00 Datasheet HTML 7Page - Lumileds Lighting Company HPWA-XH00 Datasheet HTML 8Page - Lumileds Lighting Company HPWA-XH00 Datasheet HTML 9Page - Lumileds Lighting Company HPWA-XH00 Datasheet HTML 10Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SuperFlux LEDs Technical Datasheet DS05 (11/07)
7
Figure 5a. HPWTRx00 Relative Luminous Intensity vs.
Off Axis Angle.
Figure 5b. HPWAMx00 Relative Luminous Intensity
vs. Off Axis Angle.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-100
-80
-60
-40
-20
0
20406080
100
OFF AXIS ANGLE (DEGREES)
Typical Upper Bound
Typical Lower Bound
Figure 5g. HPWNMx00 Relative Luminous Intensity
vs. Off Axis Angle
Figure 5c. HPWTMx00 Relative Luminous Intensity
vs. Off Axis Angle.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90 -80 -70 -60 -50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
Figure 5d. HPWTDx00 Relative Luminous Intensity
vs. Off Axis Angle.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90 -80 -70 -60 -50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
Figure 5e. HPWA(T)Dx00 Relative Luminous Intensity
vs. Off Axis Angle.
Figure 5f. HPWTBx00 Relative Luminous Intensity
vs. Off Axis Angle.
1. All Figures Typical unless indicated as Maximum.
OFF AXIS ANGLE (DEGREES)
OFF AXIS ANGLE (DEGREES)


Similar Part No. - HPWA-XH00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPWA-DH00 HP-HPWA-DH00 Datasheet
137Kb / 6P
   Super Flux LEDs
logo
Lumileds Lighting Compa...
HPWA-DH02 LUMILEDS-HPWA-DH02 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
HPWA-DH02-B4000 LUMILEDS-HPWA-DH02-B4000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
HPWA-DH02-C4000 LUMILEDS-HPWA-DH02-C4000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
logo
Agilent(Hewlett-Packard...
HPWA-DL00 HP-HPWA-DL00 Datasheet
137Kb / 6P
   Super Flux LEDs
More results

Similar Description - HPWA-XH00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS55 LUMILEDS-DS55 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
AB20-1 LUMILEDS-AB20-1 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
logo
Gilway Technical Lamp
155-1583 GILWAY-155-1583 Datasheet
199Kb / 1P
   E606 White Superflux LED
logo
Lumileds Lighting Compa...
AB20-7 LUMILEDS-AB20-7 Datasheet
453Kb / 13P
   SnapLED / SuperFlux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com