Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W55RFS27R1B Datasheet(PDF) 8 Page - Winbond

Part # W55RFS27R1B
Description  SUPER-REGENERATION RF RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W55RFS27R1B Datasheet(HTML) 8 Page - Winbond

Back Button W55RFS27R1B Datasheet HTML 4Page - Winbond W55RFS27R1B Datasheet HTML 5Page - Winbond W55RFS27R1B Datasheet HTML 6Page - Winbond W55RFS27R1B Datasheet HTML 7Page - Winbond W55RFS27R1B Datasheet HTML 8Page - Winbond W55RFS27R1B Datasheet HTML 9Page - Winbond W55RFS27R1B Datasheet HTML 10Page - Winbond W55RFS27R1B Datasheet HTML 11Page - Winbond W55RFS27R1B Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
W55RFS27R1B
- 8 -
3.2 W55RFS27R1B DC Characteristics
(VDD-VSS = 3 V, Ta = 25
°C; unless otherwise specified)
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Power Supply
Operating Voltage
VDD
2.1
-
5.5
V
Operating Current
IOP
-
-
2.8
mA
Stand-by Current
ISBY
$ENB= 0
-
-
2
µA
Regulated Voltage
VDDA
1.65
1.8
2.1
V
Digital Input/Output Pin
Input High Voltage
VIH
0.8*VD
D
-
VDD
V
Input Low Voltage
VIL
VSS
-
0.1*VDD
V
F,B,L,R,F1,F2 Output High
Source Current
IOH
VOH=0.7 * VDD
6
-
-
mA
F,B,L,R,F1,F2 Output Low
Sink Current
IOL
VOL=0.3 * VDD
6
-
-
mA
RXD Output High Source
Current
IOH
VOH=0.7 * VDD
2
-
-
mA
RXD Output Low Sink
Current
IOL
VOL=0.3 * VDD
2
-
-
mA
Crystal Oscillator
Operation Frequency
FC
27
-
49.8
MHz
On-chip Ring Oscillator
frequency
TOSC
170
200
250
KHz
Baseband Decoder Section
Modulation Duty Cycle
MDYT
40
50
60
%
Received Data Rate
RDTT
50% Duty-cycle
Manchester Code
-
1.25
-
Kbps


Similar Part No. - W55RFS27R1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W55RFS27R1B ETC2-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
Nuvoton Technology Corp...
W55RFS27R1B NUVOTON-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
W55RFS27R1BH NUVOTON-W55RFS27R1BH Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
W55RFS27R1BW NUVOTON-W55RFS27R1BW Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
More results

Similar Description - W55RFS27R1B

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55RFS27R1B NUVOTON-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R1B ETC2-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
Winbond
W55RFS27R3C WINBOND-W55RFS27R3C Datasheet
257Kb / 13P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R3C ETC2-W55RFS27R3C Datasheet
485Kb / 12P
   Super-Regeneration RF Receiver
logo
Winbond
W55RFS27T3B WINBOND-W55RFS27T3B Datasheet
329Kb / 16P
   SUPER-REGENERATION RF RECEIVER
logo
Nuvoton Technology Corp...
W55RFS27R3C NUVOTON-W55RFS27R3C Datasheet
485Kb / 12P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
MO-RXLC-A ETC2-MO-RXLC-A Datasheet
111Kb / 4P
   SUPER-REGENERATION RECEIVER MODULE
logo
Nuvoton Technology Corp...
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
W55RFS27T1B NUVOTON-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
List of Unclassifed Man...
W55RFS27T1B ETC2-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com