Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC503UHR1-30P-A-00A02 Datasheet(PDF) 2 Page - Cree, Inc

Part # LC503UHR1-30P-A-00A02
Description  5-mm Round LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC503UHR1-30P-A-00A02 Datasheet(HTML) 2 Page - Cree, Inc

  LC503UHR1-30P-A-00A02 Datasheet HTML 1Page - Cree, Inc LC503UHR1-30P-A-00A02 Datasheet HTML 2Page - Cree, Inc LC503UHR1-30P-A-00A02 Datasheet HTML 3Page - Cree, Inc LC503UHR1-30P-A-00A02 Datasheet HTML 4Page - Cree, Inc LC503UHR1-30P-A-00A02 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT038.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/ledlamps
Standard Bins for LC503UHR-30P-A (I
F = 20 mA)
Lamps are sorted to luminous intensity (I
V) and dominant wavelength ( D) bins shown.
Orders for LC503UHR1-30P-A may be filled with any or all bins contained as below.
All luminous intensity (I
V) and dominant wavelength ( D) values shown and specified are at IF = 20 mA.
Z or
above
Y
X
W
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Pb content <1000 ppm.
Tolerance of measurement of luminous intensity is ±15%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu-
ment.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
1.
2.
3.
4.
5.
6.
7.
8.
618 nm
Dominant Wavelength (
D)
630 nm
8200 mcd
5860 mcd
4180 mcd
3000 mcd


Similar Part No. - LC503UHR1-30P-A-00A02

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503AHR1-15P-A MARKTECH-LC503AHR1-15P-A Datasheet
208Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR1-15Q-A MARKTECH-LC503AHR1-15Q-A Datasheet
208Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR2-30P-A MARKTECH-LC503AHR2-30P-A Datasheet
340Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR2-30Q-A MARKTECH-LC503AHR2-30Q-A Datasheet
341Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR2-30Q-A-MT MARKTECH-LC503AHR2-30Q-A-MT Datasheet
225Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results

Similar Description - LC503UHR1-30P-A-00A02

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com