Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC503UHR1-30P-A-01B02 Datasheet(PDF) 4 Page - Cree, Inc

Part # LC503UHR1-30P-A-01B02
Description  5-mm Round LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC503UHR1-30P-A-01B02 Datasheet(HTML) 4 Page - Cree, Inc

  LC503UHR1-30P-A-01B02 Datasheet HTML 1Page - Cree, Inc LC503UHR1-30P-A-01B02 Datasheet HTML 2Page - Cree, Inc LC503UHR1-30P-A-01B02 Datasheet HTML 3Page - Cree, Inc LC503UHR1-30P-A-01B02 Datasheet HTML 4Page - Cree, Inc LC503UHR1-30P-A-01B02 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT038.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LC503UHR1-30P-A
Rev. No.
01
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Advertising Signs
- Indicators
- Traffic
- Automotive Lighting
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current*2
IF
50
mA
Peak Forward Current*1
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
130
mW
Operation Temperature
Topr
-40 ~ + 95
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Lead Soldering
Temperature
Tsol
Max.260
°C for 3 sec Max.
(3mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification
(MIL-STD-883E)
ESD
Class II
*1 pulse width <=0.1msec duty <=1/10
*2 For long term performance the drive currents between 10mA and 30mA are recommended. Please contact COTCO
sales representative for more information on recommended drive conditions.
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
---
2.1
2.6
V
Reverse Current
IR
VR = 5V
---
---
100
A
Dominant Wavelength
D
IF = 20mA
618
624
630
nm
Luminous Intensity
IV
IF = 20mA
3000
5100
---
mcd
50% Power Angle
2
½H-H
IF = 20mA
---
30
---
deg


Similar Part No. - LC503UHR1-30P-A-01B02

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503AHR1-15P-A MARKTECH-LC503AHR1-15P-A Datasheet
208Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR1-15Q-A MARKTECH-LC503AHR1-15Q-A Datasheet
208Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR2-30P-A MARKTECH-LC503AHR2-30P-A Datasheet
340Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR2-30Q-A MARKTECH-LC503AHR2-30Q-A Datasheet
341Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR2-30Q-A-MT MARKTECH-LC503AHR2-30Q-A-MT Datasheet
225Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results

Similar Description - LC503UHR1-30P-A-01B02

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com