Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLUR5401 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLUR5401
Description  Universal LED in ∅ 5 mm Tinted Diffused Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUR5401 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLUR5401 Datasheet HTML 1Page - Vishay Siliconix TLUR5401 Datasheet HTML 2Page - Vishay Siliconix TLUR5401 Datasheet HTML 3Page - Vishay Siliconix TLUR5401 Datasheet HTML 4Page - Vishay Siliconix TLUR5401 Datasheet HTML 5Page - Vishay Siliconix TLUR5401 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VISHAY
TLUR540.
Document Number 83055
Rev. 1.6, 31-Aug-04
Vishay Semiconductors
www.vishay.com
5
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the
use of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


Similar Part No. - TLUR5401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR5401 VISHAY-TLUR5401 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR5401 VISHAY-TLUR5401 Datasheet
164Kb / 6P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
More results

Similar Description - TLUR5401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR5401 VISHAY-TLUR5401 Datasheet
164Kb / 6P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLUR6401 VISHAY-TLUR6401 Datasheet
105Kb / 4P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
   Universal LED in 3 mm Tinted Diffused Package
Rev. 1.7, 14-Jun-06
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
   Universal LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLUR440 VISHAY-TLUR440_V01 Datasheet
183Kb / 6P
   Universal LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLUR44K1L2 VISHAY-TLUR44K1L2_V01 Datasheet
107Kb / 4P
   Universal LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR54 VISHAY-TLHR54 Datasheet
129Kb / 9P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
logo
STMicroelectronics
TLL540 STMICROELECTRONICS-TLL540 Datasheet
97Kb / 7P
   Low Current LED in 5 mm Tinted Diffused Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com