Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61170 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61170
Description  1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61170 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61170 Datasheet HTML 7Page - Texas Instruments TPS61170 Datasheet HTML 8Page - Texas Instruments TPS61170 Datasheet HTML 9Page - Texas Instruments TPS61170 Datasheet HTML 10Page - Texas Instruments TPS61170 Datasheet HTML 11Page - Texas Instruments TPS61170 Datasheet HTML 12Page - Texas Instruments TPS61170 Datasheet HTML 13Page - Texas Instruments TPS61170 Datasheet HTML 14Page - Texas Instruments TPS61170 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
DATA IN
Start
DATA OUT
ACK
RFA
A1
A0
D4
D3
D2
D1
D0
DA7
0
DA6
1
DA5
1
DA4
1
DA3
0
DA2
0
DA1
1
DA0
0
Device Address
DATABYTE
EOS Start
EOS
Start
TPS61170
SLVS789A – NOVEMBER 2007 – REVISED FEBRUARY 2008
Table 1. Selectable FB Voltage (continued)
FB voltage
D4
D3
D2
D1
D0
(mV)
15
0.344
0
1
1
1
1
16
0.381
1
0
0
0
0
17
0.418
1
0
0
0
1
18
0.455
1
0
0
1
0
19
0.492
1
0
0
1
1
20
0.528
1
0
1
0
0
21
0.565
1
0
1
0
1
22
0.602
1
0
1
1
0
23
0.639
1
0
1
1
1
24
0.713
1
1
0
0
0
25
0.787
1
1
0
0
1
26
0.860
1
1
0
1
0
27
0.934
1
1
0
1
1
28
1.008
1
1
1
0
0
29
1.082
1
1
1
0
1
30
1.155
1
1
1
1
0
31
1.229
1
1
1
1
1
Figure 15. EasyScale™ Protocol Overview
Table 2. EasyScale™ Bit Description
BIT
TRANSMISSION
BYTE
NAME
DESCRIPTION
NUMBER
DIRECTION
7
DA7
0 MSB device address
6
DA6
1
5
DA5
1
Device
4
DA4
1
Address
IN
Byte
3
DA3
0
72 hex
2
DA2
0
1
DA1
1
0
DA0
0 LSB device address
7 (MSB)
RFA
Request for acknowledge. If high, acknowledge is applied by device
6
A1
0 Address bit 1
5
A0
0 Address bit 0
4
D4
Data bit 4
Data byte
IN
3
D3
Data bit 3
2
D2
Data bit 2
1
D1
Data bit 1
0 (LSB)
D0
Data bit 0
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61170


Similar Part No. - TPS61170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170 TI-TPS61170 Datasheet
556Kb / 22P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170 TI-TPS61170 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
TPS61170-Q1 TI1-TPS61170-Q1 Datasheet
872Kb / 28P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170-Q1 TI-TPS61170-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm 횞 2-mm SON Package
TPS61170DRV TI-TPS61170DRV Datasheet
556Kb / 22P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
More results

Similar Description - TPS61170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170 TI-TPS61170 Datasheet
556Kb / 22P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170-Q1 TI1-TPS61170-Q1 Datasheet
872Kb / 28P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170 TI-TPS61170_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
   1MHz/1.2A Synchronous Boost Converter
logo
Texas Instruments
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Monolithic Power System...
MP3428 MPS-MP3428 Datasheet
930Kb / 20P
   17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
MP3427 MPS-MP3427 Datasheet
905Kb / 20P
   17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
logo
Texas Instruments
TPS61046 TI-TPS61046_15 Datasheet
923Kb / 25P
[Old version datasheet]   TPS61046 28-V Output Voltage Boost Converter in WCSP Package
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
   1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com