Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4855EIJT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS4855EIJT
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855EIJT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS4855EIJT Datasheet HTML 4Page - STMicroelectronics TS4855EIJT Datasheet HTML 5Page - STMicroelectronics TS4855EIJT Datasheet HTML 6Page - STMicroelectronics TS4855EIJT Datasheet HTML 7Page - STMicroelectronics TS4855EIJT Datasheet HTML 8Page - STMicroelectronics TS4855EIJT Datasheet HTML 9Page - STMicroelectronics TS4855EIJT Datasheet HTML 10Page - STMicroelectronics TS4855EIJT Datasheet HTML 11Page - STMicroelectronics TS4855EIJT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TS4855
Electrical Characteristics
8/27
Po
Output Power
SPKRout, RL = 8Ω, THD = 1%, f = 1 kHz
Rout & Lout, RL = 32Ω, THD = 0.5%, f = 1 kHz
300
20
340
25
mW
THD + N Total Harmonic Distortion + Noise
Rout & Lout, Po =20mW, f = 1kHz, RL =32Ω
SPKRout, Po = 300 mW, f = 1 kHz, RL = 8Ω
Rout & Lout, Po = 15 mW, 20 Hz < f < 20 kHz, RL = 32Ω
SPKRout, Po = 250 mW, 20 Hz < f < 20 kHz, RL = 8Ω
0.5
0.5
0.5
1
%
SNR
Signal To Noise Ratio
A-Weighted, f = 1 kHz
80
dB
PSRR 5) Power Supply Rejection Ratio
SPKRout,Vripple = 200 mV Vpp, F = 217 Hz, Input Terminated 50Ω
Gain (BTL) = 12 dB, Output Mode 1,3,5,7
Rout & Lout Vripple = 200 mV Vpp, F = 217 Hz, Input Terminated 50Ω
Maximum gain setting, Output Mode 2,3
Rout & Lout Vripple = 200 mV Vpp, F = 217 Hz, Input Terminated 50Ω
Maximum gain setting, Output Mode 4,5
Rout & Lout Vripple = 200 mV Vpp, F = 217 Hz, Input Terminated 50Ω
Maximum gain setting, Output Mode 6,7
58
52
49
45
62.5
56.5
55
49.5
dB
G2
Digital Gain Range - Rin & Lin to Rout ,Lout
-34.5
12
dB
G1
Digital Gain Range - Phone In HS to Rout ,Lout
-40.5
6
dB
Digital Gain stepsize
1.5
dB
Stepsize Error
± 0.6
dB
Phone In Volume
BTL maximum GAIN from Phone In HS to Rout, Lout
BTL minimum GAIN from Phone In HS to Rout, Lout
5.4
-41.1
6
-40.5
6.6
-39.9
dB
Phone In Volume
BTL maximum gain from Rin, Lin to Rout, Lout
BTL minimum gain from Rin, Lin to Rout, Lout
11.4
-35.1
12
-34.5
12.6
-33.9
dB
Phone In Volume
BTL gain from Phone In IHF to SPKRout
11.4
12
12.6
dB
Zin
Phone In IHF Input Impedance, all gains setting
16
20
24
k
Zin
Phone In HS, Rin & Lin Input Impedance, all gains setting
42.5
50
57.5
k
tes
Enable Step up Time - ENB
20
ns
teh
Enable Hold Time - ENB
20
ns
tel
Enable Low Time - ENB
30
ns
Table 5: Electrical characteristics at VCC = +3.0 V, GND = 0 V, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit


Similar Part No. - TS4855EIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
   LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
TS4855IJT STMICROELECTRONICS-TS4855IJT Datasheet
1Mb / 27P
   LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
More results

Similar Description - TS4855EIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
   LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
TS4851 STMICROELECTRONICS-TS4851 Datasheet
1Mb / 28P
   MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
   16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com