Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27V801-200F1TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # M27V801-200F1TR
Description  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V801-200F1TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M27V801-200F1TR Datasheet HTML 5Page - STMicroelectronics M27V801-200F1TR Datasheet HTML 6Page - STMicroelectronics M27V801-200F1TR Datasheet HTML 7Page - STMicroelectronics M27V801-200F1TR Datasheet HTML 8Page - STMicroelectronics M27V801-200F1TR Datasheet HTML 9Page - STMicroelectronics M27V801-200F1TR Datasheet HTML 10Page - STMicroelectronics M27V801-200F1TR Datasheet HTML 11Page - STMicroelectronics M27V801-200F1TR Datasheet HTML 12Page - STMicroelectronics M27V801-200F1TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9/16
M27V801
PRESTO IIB Programming Algorithm
PRESTO IIB Programming Algorithm allows the
whole array to be programmed with a guaranteed
margin, in a typical time of 52.5 seconds. This can
be achieved with STMicroelectronics M27V801
due to several design innovations to improve pro-
gramming efficiency and to provide adequate mar-
gin for reliability. Before starting the programming
the internal MARGIN MODE circuit is set in order
to guarantee that each cell is programmed with
enough margin. Then a sequence of 50
µs pro-
gram pulses are applied to each byte until a cor-
rect verify occurs. No overprogram pulses are
applied since the verify in MARGIN MODE pro-
vides the necessary margin.
Program Inhibit
Programming of multiple M27V801s in parallel
with different data is also easily accomplished. Ex-
cept for E, all like inputs including GVPP of the par-
allel M27V801 may be common. A TTL low level
pulse applied to a M27V801’s E input, with VPP at
12.75V, will program that M27V801. A high level E
input inhibits the other M27V801s from being pro-
grammed.
Program Verify
A verify (read) should be performed on the pro-
grammed bits to determine that they were correct-
ly programmed. The verify is accomplished with G
at VIL. Data should be verified with tELQV after the
falling edge of E.
Figure 7. Programming and Verify Modes AC Waveforms
tAVEL
VALID
AI01270
A0-A19
Q0-Q7
VCC
DATA IN
DATA OUT
E
tQVEL
tVCHEL
tVPHEL
tEHQX
tEHVPX
tELQV
tELEH
tEHQZ
tVPLEL
PROGRAM
VERIFY
GVPP
tEHAX
Figure 8. Programming Flowchart
AI01271B
n= 0
Last
Addr
VERIFY
E= 50
µs Pulse
++n
=25
++ Addr
VCC = 6.25V, VPP = 12.75V
FAIL
CHECK ALL BYTES
1st: VCC =6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO
SET MARGIN MODE
RESET MARGIN MODE


Similar Part No. - M27V801-200F1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27V800-100B1TR STMICROELECTRONICS-M27V800-100B1TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27V800-100F1TR STMICROELECTRONICS-M27V800-100F1TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27V800-100K1TR STMICROELECTRONICS-M27V800-100K1TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27V800-100M1TR STMICROELECTRONICS-M27V800-100M1TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
More results

Similar Description - M27V801-200F1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com