Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6164K1600TTA-70IF Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM6164K1600TTA-70IF
Description  64Kx16 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6164K1600TTA-70IF Datasheet(HTML) 4 Page - Eorex Corporation

  EM6164K1600TTA-70IF Datasheet HTML 1Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 2Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 3Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 4Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 5Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 6Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 7Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 8Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
64Kx16 LP SRAM EM6164K600V Series
4
DCC-SR-041002-A
-L
-
20
80
µA
Supply Current
ISB1
CE# V ≧ VCC - 0.2V
-LL
1
10
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. 10µA for special request
5. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25°C
CAPACITANCE (TA = 25°C , f = 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC - 0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -1mA/2mA
AC ELECTRICAL CHARACTERISTICS
READ CYCLE
-45
-55
70
PARAMETER
SYM.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
Read Cycle Time
tRC
45
-
55
-
70
-
ns
Address Access Time
tAA
-
45
-
55
-
70
ns
Chip Enable Access Time
tACE
-
45
-
55
-
70
ns
Output Enable Access Time
tOE
-
25
-
30
-
35
ns
Chip Enable to Output in Low-Z
tCLZ*
10
-
10
-
10
-
ns
Output Enable to Output in Low-Z
tOLZ*
5
-
5
-
5
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
15
-
20
-
25
ns
Output Disable to Output in High-Z
tOHZ*
-
15
-
20
-
25
ns
Output Hold from Address Change
tOH
10
-
10
-
10
-
ns
LB#, UB# Access Time
tBA
-
45
-
55
-
70
ns
LB#, UB# to High-Z Output
tBHZ*
-
20
-
25
-
30
ns
LB#, UB# to Low-Z Output
tBLZ*
10
-
10
-
10
-
ns
WRITE CYCLE
-45
-55
70
PARAMETER
SYM.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
Write Cycle Time
tWC
45
-
55
-
70
-
ns
Address Valid to End of Write
tAW
40
-
50
-
60
-
ns
Chip Enable to End of Write
tCW
40
-
50
-
60
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
ns
Write Pulse Width
tWP
35
-
45
-
55
-
ns
Write Recovery Time
twr
0
-
0
-
0
-
ns
Data to Write Time Overlap
tDW
20
-
25
-
30
-
ns
Data Hold from End of Write Time
tDH
0
-
0
-
0
-
ns
Output Active from End of Write
tOW*
5
-
5
-
5
-
ns
Write to Output in High-Z
tWHZ*
-
15
-
20
-
25
ns
LB#, UB# Valid to End of Write
tBW
35
-
45
-
60
-
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - EM6164K1600TTA-70IF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6160F32-45LF EMLSI-EM6160F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160F32-45LL EMLSI-EM6160F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160F32-85LF EMLSI-EM6160F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160F32-85LL EMLSI-EM6160F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160F32B-45LF EMLSI-EM6160F32B-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6164K1600TTA-70IF

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
Cypress Semiconductor
FM28V102 CYPRESS-FM28V102 Datasheet
494Kb / 16P
   1Mbit (64Kx16)F-RAM Memory
logo
YUXIANG Magnetc materia...
LP22 YUXIANG-LP22 Datasheet
86Kb / 1P
   LP CORES
logo
Macronix International
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
logo
Integrated Circuit Syst...
9DMV0431 ICST-9DMV0431 Datasheet
206Kb / 12P
   LP-HCSL outputs
logo
Meder Electronic
LP05-1A31-80U MEDER-LP05-1A31-80U Datasheet
182Kb / 2P
   LP Reed Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com