Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6164K1600TTA-70IF Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM6164K1600TTA-70IF
Description  64Kx16 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6164K1600TTA-70IF Datasheet(HTML) 5 Page - Eorex Corporation

  EM6164K1600TTA-70IF Datasheet HTML 1Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 2Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 3Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 4Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 5Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 6Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 7Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 8Page - Eorex Corporation EM6164K1600TTA-70IF Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
64Kx16 LP SRAM EM6164K600V Series
5
DCC-SR-041002-A
TIMING WAVEFORMS
READ CYCLE 1 (Address Controlled) (1,2)
READ CYCLE 2 (CE# and OE# Controlled) (1,3,4,5)
Notes :
1.WE# is high for read cycle.
2.Device is continuously selected OE# = low, CE# = low.
3.Address must be valid prior to or coincident with CE# = low,; otherwise tAA is the limiting parameter.
4.tCLZ, tOLZ, tCHZ and tOHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tOHZ is less than tOLZ.
High-Z
Valid Data
Address
Dout
tRC
tAA
tACE
tOE
tCLZ
tOLZ
tOH
tOHZ
tCHZ
CE#
OE#
LB#, UB#
tBLZ
tBA
tBHZ
tAA
tOH
Address
Dout
Previous Data Valid
Data Valid
tRC


Similar Part No. - EM6164K1600TTA-70IF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6160F32-45LF EMLSI-EM6160F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160F32-45LL EMLSI-EM6160F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160F32-85LF EMLSI-EM6160F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160F32-85LL EMLSI-EM6160F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160F32B-45LF EMLSI-EM6160F32B-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6164K1600TTA-70IF

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
Cypress Semiconductor
FM28V102 CYPRESS-FM28V102 Datasheet
494Kb / 16P
   1Mbit (64Kx16)F-RAM Memory
logo
YUXIANG Magnetc materia...
LP22 YUXIANG-LP22 Datasheet
86Kb / 1P
   LP CORES
logo
Macronix International
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
logo
Integrated Circuit Syst...
9DMV0431 ICST-9DMV0431 Datasheet
206Kb / 12P
   LP-HCSL outputs
logo
Meder Electronic
LP05-1A31-80U MEDER-LP05-1A31-80U Datasheet
182Kb / 2P
   LP Reed Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com