Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS390PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS390PW
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS390PW Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDS390PW Datasheet HTML 1Page - Texas Instruments SN75LVDS390PW Datasheet HTML 2Page - Texas Instruments SN75LVDS390PW Datasheet HTML 3Page - Texas Instruments SN75LVDS390PW Datasheet HTML 4Page - Texas Instruments SN75LVDS390PW Datasheet HTML 5Page - Texas Instruments SN75LVDS390PW Datasheet HTML 6Page - Texas Instruments SN75LVDS390PW Datasheet HTML 7Page - Texas Instruments SN75LVDS390PW Datasheet HTML 8Page - Texas Instruments SN75LVDS390PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
VCC
VCC
GND
ENA
A1Y
A2Y
A3Y
A4Y
ENB
B1Y
B2Y
B3Y
B4Y
GND
VCC
VCC
GND
C1Y
C2Y
C3Y
C4Y
ENC
D1Y
D2Y
D3Y
D4Y
END
GND
VCC
VCC
GND
A1A
A1B
A2A
A2B
A3A
A3B
A4A
A4B
B1A
B1B
B2A
B2B
B3A
B3B
B4A
B4B
C1A
C1B
C2A
C2B
C3A
C3B
C4A
C4B
D1A
D1B
D2A
D2B
D3A
D3B
D4A
D4B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1B
2A
2B
3A
3B
4A
4B
EN1,2
1Y
2Y
VCC
GND
3Y
4Y
EN3,4
’LVDS390, ’LVDT390
D OR PW PACKAGE
(TOP VIEW)
’LVDS386, ’LVDT386
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
GND
VCC
ENA
A1Y
A2Y
ENB
B1Y
B2Y
DGND
DVCC
DGND
C1Y
C2Y
ENC
D1Y
D2Y
END
VCC
GND
A1A
A1B
A2A
A2B
AGND
B1A
B1B
B2A
B2B
AGND
C1A
C1B
C2A
C2B
AGND
D1A
D1B
D2A
D2B
’LVDS388A, ’LVDT388A
DBT PACKAGE
(TOP VIEW)
See application section for VCC
and GND description.
SN65LVDS386/388A/390,, SN65LVDT386/388A/390
SN75LVDS386/388A/390, SN75LVDT386/388A/390
SLLS394H – SEPTEMBER 1999 – REVISED MAY 2007
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
• Four- ('390), Eight- ('388A), or Sixteen- ('386)
Line Receivers Meet or Exceed the
Requirements of ANSI TIA/EIA-644 Standard
• Integrated 110-Ω Line Termination Resistors
on LVDT Products
• Designed for Signaling Rates (1) Up To
200 Mbps (See Table 1)
• SN65 Version's Bus-Terminal ESD Exceeds
15 kV
• Operates From a Single 3.3-V Supply
• Typical Propagation Delay Time of 2.6 ns
• Output Skew 100 ps (Typ) Part-To-Part Skew
Is Less Than 1 ns
• LVTTL Levels Are 5-V Tolerant
• Open-Circuit Fail Safe
• Flow-Through Pinout
• Packaged in Thin Shrink Small-Outline
Package With 20-mil Terminal Pitch
This family of four-, eight-, or sixteen-, differential line
receivers
(with
optional
integrated
termination)
implements
the
electrical
characteristics
of
low-voltage
differential
signaling
(LVDS).
This
signaling technique lowers the output voltage levels
of
5-V
differential
standard
levels
(such
as
EIA/TIA-422B) to reduce the power, increase the
switching speeds, and allow operation with a 3-V
supply rail. Any of the eight or sixteen differential
receivers provides a valid logical output state with a
±100-mV differential input voltage within the input
common-mode
voltage
range.
The
input
common-mode voltage range allows 1 V of ground
potential difference between two LVDS
nodes.
Additionally, the high-speed switching of LVDS
signals almost always requires the use of a line
impedance matching resistor at the receiving end of
the cable or transmission media. The LVDT products
Table 1. Maximum Recommeded Operating
eliminate this external resistor by integrating it with
Speeds
the receiver.
PART NUMBER
ALL BUFFERS ACTIVE
SN65LVDS386, SN75LVDS386
250 Mbps
SN65LVDS388A, SN75LVDS388A
200 Mbps
SN65LVDS390, SN75LVDS390
200 Mbps
(1)
Signaling Rate, 1/t, where t is the minimum unit interval and is
expressed in the units bits/s (bits per second)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75LVDS390PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS390PW TI-SN75LVDS390PW Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS390PW TI-SN75LVDS390PW Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS390PWG4 TI-SN75LVDS390PWG4 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS390PWR TI-SN75LVDS390PWR Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS390PWR TI-SN75LVDS390PWR Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDS390PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com