Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9Z34NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9Z34NPBF
Description  HEXFET짰 POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z34NPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9Z34NPBF Datasheet HTML 1Page - International Rectifier IRF9Z34NPBF Datasheet HTML 2Page - International Rectifier IRF9Z34NPBF Datasheet HTML 3Page - International Rectifier IRF9Z34NPBF Datasheet HTML 4Page - International Rectifier IRF9Z34NPBF Datasheet HTML 5Page - International Rectifier IRF9Z34NPBF Datasheet HTML 6Page - International Rectifier IRF9Z34NPBF Datasheet HTML 7Page - International Rectifier IRF9Z34NPBF Datasheet HTML 8Page - International Rectifier IRF9Z34NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRF9Z34NPbF
HEXFET® Power MOSFET
PD - 94983
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrialapplicationsatpowerdissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220
contribute to its wide acceptance throughout the
industry.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-19
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
-14
A
IDM
Pulsed Drain Current 
-68
PD @TC = 25°C
Power Dissipation
68W
Linear Derating Factor
0.45
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy‚
180
mJ
IAR
Avalanche Current
-10
A
EAR
Repetitive Avalanche Energy
6.8mJ
dv/dt
Peak Diode Recovery dv/dt ƒ
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.2
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = -55V
RDS(on) = 0.10Ω
ID = -19A
TO-220AB
l
Advanced Process Technology
l
Dynamic dv/dt Rating
l
175°C Operating Temperature
l
Fast Switching
l
P-Channel
l
Fully Avalanche Rated
Description
02/05/04
S
D
G
l
Lead-Free


Similar Part No. - IRF9Z34NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z34NPBF IRF-IRF9Z34NPBF_15 Datasheet
246Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRF9Z34NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com