Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608X7R1H472K Datasheet(PDF) 2 Page - International Rectifier

Part # C1608X7R1H472K
Description  500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C1608X7R1H472K Datasheet(HTML) 2 Page - International Rectifier

  C1608X7R1H472K Datasheet HTML 1Page - International Rectifier C1608X7R1H472K Datasheet HTML 2Page - International Rectifier C1608X7R1H472K Datasheet HTML 3Page - International Rectifier C1608X7R1H472K Datasheet HTML 4Page - International Rectifier C1608X7R1H472K Datasheet HTML 5Page - International Rectifier C1608X7R1H472K Datasheet HTML 6Page - International Rectifier C1608X7R1H472K Datasheet HTML 7Page - International Rectifier C1608X7R1H472K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.irf.com
2
IRDCiP2001-A
Table 1 - PWM IC Voltage Identification Codes
Figure 1 - R4 vs. Frequency (per Phase)
VID4 VID3 VID2 VID1 VID0
VDAC
VID4 VID3 VID2 VID1 VID0
VDAC
11111
Off
0
1111
1.475
11110
1.100
0
1110
1.500
11101
1.250
0
1101
1.525
11100
1.150
0
1100
1.550
11011
1.175
0
1011
1.575
11010
1.200
0
1010
1.600
11001
1.225
0
1001
1.625
11000
1.250
0
1000
1.650
10111
1.275
0
0111
1.675
10110
1.300
0
0110
1.700
10101
1.325
0
0101
1.725
10100
1.350
0
0100
1.750
10011
1.375
0
0011
1.775
10010
1.400
0
0010
1.800
10001
1.425
0
0001
1.825
10000
1.450
0
0000
1.850
1
10
100
1000
100
1000
Output Frequency (kHz)


Similar Part No. - C1608X7R1H472K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608X7R1H472K TDK-C1608X7R1H472K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608X7R1H472K080AE TDK-C1608X7R1H472K080AE Datasheet
239Kb / 3P
   Multilayer Ceramic Chip Capacitors
logo
Texas Instruments
C1608X7R1H472KT TI1-C1608X7R1H472KT Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - C1608X7R1H472K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2001-B IRF-IRDCIP2001-B Datasheet
648Kb / 8P
   IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
IRDCIP2001-C IRF-IRDCIP2001-C Datasheet
674Kb / 8P
   IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
IRDCIP2021C-1 IRF-IRDCIP2021C-1 Datasheet
1Mb / 12P
   IRDCiP2021C-1: 500kHz, 40A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2021C and IR3623M
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
   24V 2A 500kHz synchronous Buck Converter
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
logo
International Rectifier
IRDCIP2021C-2 IRF-IRDCIP2021C-2 Datasheet
1Mb / 15P
   IRDCiP2021C-2: 500kHz, 20A, Dual Output, 180o Out of Phase Synchronous Buck Converter
IRDCIP2002-C IRF-IRDCIP2002-C Datasheet
1Mb / 7P
   1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
   6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
   500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com