Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8230A Datasheet(PDF) 6 Page - NEC

Part # SM8230A
Description  Tone Dialer with Built-in Piezo Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SM8230A Datasheet(HTML) 6 Page - NEC

  SM8230A Datasheet HTML 1Page - NEC SM8230A Datasheet HTML 2Page - NEC SM8230A Datasheet HTML 3Page - NEC SM8230A Datasheet HTML 4Page - NEC SM8230A Datasheet HTML 5Page - NEC SM8230A Datasheet HTML 6Page - NEC SM8230A Datasheet HTML 7Page - NEC SM8230A Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM8230A
SEIKO NPC CORPORATION —6
Transfer Command Specifications
The transfer data code format is shown in figure 3. Data is transferred with the MSB as the leading bit. The data
sets the input clock, high-frequency group and low-frequency group frequencies, and the output levels. The
commands are shown in tables 1 to 4.
CK command (CK1, CK0)
These bits set the frequency of the input clock on CLK. The frequency can be set to 1
×, 2×, 4×, and 8× multi-
ples of 480kHz. The input code and the corresponding clock frequency are shown in table 1.
FH/FL command (HF1, FH0/FL1, FL0)
These bits set the DTMF signal high-frequency and low-frequency group frequencies, respectively.The input
code, the corresponding group frequency specification, the design value and frequency deviation are shown in
tables 2 and 3. Note that the design value and frequency deviation are calculated values assuming a deviation-
free system clock input on CLK.
Figure 3. Transfer command format
Table 1. CK command
CK1
CK0
CLK input clock frequency
0
0
480kHz
0
1
960kHz
1
0
1.92MHz
1
1
3.84MHz
Table 2. FH command
FH1
FH0
DTMF frequency [Hz]
Design value [Hz]
Deviation [%]
0
0
1209
1212.1
+0.26
0
1
1336
1333.3
−0.20
1
0
1477
1481.5
+0.30
1
1
1633
1632.7
−0.02
Table 3. FL command
FH1
FH0
DTMF frequency [Hz]
Design value [Hz]
Deviation [%]
0
0
697
697.7
+0.10
0
1
770
769.2
−0.10
1
0
852
851.1
−0.11
1
1
941
937.5
−0.37
0
0
CK1 CK0 FH1 FH0 GH3 GH2 GH1 GH0 FL1 FL0 GL3 GL2 GL1 GL0
Low group output level set.
Low group frequency set.
High group output level set.
High group frequency set.
CLK pin input frequency set.
b15 (MSB)
b0 (LSB)
Set (b14, b15) = (0, 0)
for normal operation.


Similar Part No. - SM8230A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8230A NPC-SM8230A Datasheet
56Kb / 7P
   Tone Dialer with Built-in Piezo Driver
More results

Similar Description - SM8230A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8230A NPC-SM8230A Datasheet
56Kb / 7P
   Tone Dialer with Built-in Piezo Driver
logo
List of Unclassifed Man...
NT95089 ETC-NT95089 Datasheet
309Kb / 11P
   Tone Dialer
HM9187 ETC1-HM9187 Datasheet
76Kb / 1P
   TONE DIALER
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
   TONE DIALER
logo
List of Unclassifed Man...
UM95080 ETC-UM95080 Datasheet
91Kb / 1P
   ONE KEY DIALER TONE DIALER
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
logo
Holtek Semiconductor In...
HT9201A HOLTEK-HT9201A Datasheet
396Kb / 7P
   Simple Tone Dialer
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
   TONE DIALER LSI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com