Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16623DGGRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ABT16623DGGRE4
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ABT16623DGGRE4 Datasheet(HTML) 5 Page - Texas Instruments

  74ABT16623DGGRE4 Datasheet HTML 1Page - Texas Instruments 74ABT16623DGGRE4 Datasheet HTML 2Page - Texas Instruments 74ABT16623DGGRE4 Datasheet HTML 3Page - Texas Instruments 74ABT16623DGGRE4 Datasheet HTML 4Page - Texas Instruments 74ABT16623DGGRE4 Datasheet HTML 5Page - Texas Instruments 74ABT16623DGGRE4 Datasheet HTML 6Page - Texas Instruments 74ABT16623DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ABT16623DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ABT16623DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54ABT16623, SN74ABT16623
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS211B – FEBRUARY 1991 – REVISED JANUARY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16623
SN74ABT16623
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1
2
3.2
1
3.7
1
3.6
ns
tPHL
A or B
B or A
1
2.2
3.4
1
4.4
1
4.3
ns
tPZH
OEBA or OEAB
AorB
1.1
3
4
1.1
5
1.1
4.9
ns
tPZL
OEBA or OEAB
A or B
1.4
3.3
4.9
1.4
6.2
1.4
6
ns
tPHZ
OEBA or OEAB
AorB
1
3.5
4.9
1
6.2
1
6
ns
tPLZ
OEBA or OEAB
A or B
1.4
2.8
4.7
1.4
5.6
1.4
5.4
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 74ABT16623DGGRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
logo
Fairchild Semiconductor
74ABT16646 FAIRCHILD-74ABT16646 Datasheet
84Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
74ABT16646CMTD FAIRCHILD-74ABT16646CMTD Datasheet
84Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
74ABT16646CSSC FAIRCHILD-74ABT16646CSSC Datasheet
84Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
logo
NXP Semiconductors
74ABT16646DGG PHILIPS-74ABT16646DGG Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
More results

Similar Description - 74ABT16623DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com