Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1854L Datasheet(PDF) 3 Page - Texas Instruments

Part # UC1854L
Description  High Power Factor Preregulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1854L Datasheet(HTML) 3 Page - Texas Instruments

  UC1854L Datasheet HTML 1Page - Texas Instruments UC1854L Datasheet HTML 2Page - Texas Instruments UC1854L Datasheet HTML 3Page - Texas Instruments UC1854L Datasheet HTML 4Page - Texas Instruments UC1854L Datasheet HTML 5Page - Texas Instruments UC1854L Datasheet HTML 6Page - Texas Instruments UC1854L Datasheet HTML 7Page - Texas Instruments UC1854L Datasheet HTML 8Page - Texas Instruments UC1854L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT AMPLIFIER
Current Amp Offset Voltage
–4
4
mV
ISENSE Bias Current
–500
–120
500
nA
Input Range, ISENSE, Mult Out
–0.3 to 2.5
V
Current Amp Gain
80
110
dB
Current Amp Output Swing
0.5 to 16
V
Current Amp Short Circuit Current
CA Out=0V
–36
–20
–5
mA
Current Amp Gain-BW Product
TA=25
oC (Note 6)
400
800
kHz
REFERENCE
Reference Output Voltage
IREF=0mA, TA=25
oC
7.4
7.5
7.6
V
IREF=0mA, Over Temp.
7.35
7.5
7.65
V
VREF Load Regulation
–10mA<IREF<0mA
–15
5
15
mV
VREF Line Regulation
15V<VCC<35V
–10
2
10
mV
VREF Short Circuit Current
REF=0V
–50
–28
–12
mA
MULTIPLIER
Mult Out Current IAC Limited
IAC=100
µA, RSET=10k, VRMS=1.25V
–220
–200
–180
µA
Mult Out Current Zero
IAC=0
µA, RSET=15k
–2.0
–0.2
2.0
µA
Mult Out Current RSET Limited
IAC=450
µA, RSET=15k, VRMS=1V, VA Out = 6V
–280
–255
–220
µA
Mult Out Current
IAC=50
µA, VRMS=2V, VA=4V
–50
–42
–33
µA
IAC=100
µA, VRMS=2V, VA=2V
–38
–27
–12
µA
IAC=200
µA, VRMS=2V, VA=4V
–165
–150
–105
µA
IAC=300
µA, VRMS=1V, VA=2V
–250
–225
–150
µA
IAC=100
µA, VRMS=1V, VA=2V
–95
–80
–60
µA
Multiplier Gain Constant
(Note 5)
–1.0
V
OSCILLATOR
Oscillator Frequency
RSET=15k
46
55
62
kHz
RSET=8.2k
86
102
118
kHz
CT Ramp Peak-to-Valley Amplitude
4.9
5.4
5.9
V
CT Ramp Valley Voltage
0.8
1.1
1.3
V
GATE DRIVER
Maximum GT Drv Output Voltage
0mA load on GT Drv, 18V<VCC<35V
13
14.5
18
V
GT Drv Output Voltage High
–200mA load on GT Drv, VCC=15V
12
12.8
V
GT Drv Output Voltage Low, Off
VCC=0V, 50mA load on GT Drv
0.9
1.5
V
GT Drv Output Voltage Low
200mA load on GT Drv
1.0
2.2
V
10mA load on GT Drv
0.1
0.4
V
Peak GT Drv Current
10nF from GT Drv to Gnd
1.0
A
GT Drv Rise/Fall Time
1nF from GT Drv to Gnd
35
ns
GT Drv Maximum Duty Cycle
VCA Out=7V
95
%
CURRENT LIMIT
PKLMT Offset Voltage
–10
10
mV
PKLMT Input Current
PKLMT=–0.1V
–200
–100
µA
PKLMT to GT Drv Delay
PKLMT falling from 50mV to –50mV
175
ns
Unless otherwise stated, VCC=18V, RSET=15k to ground, CT=1.5nF to ground, PKLMT=1V, ENA=7.5V,
VRMS=1.5V, IAC=100
µA, ISENSE=0V, CA Out=3.5V, VA Out=5V, VSENSE=7.5V, no load on SS, CA Out,
VA Out, REF, GT Drv, –55
oC<TA<125oC for the UC1854, –40oC<TA<85oC for the UC2854, and
0
oC<TA<70oC for the UC3854, and TA=TJ.
UC1854
UC2854
UC3854
Note 5: Multiplier Gain Constant (k) is defined by:
IMult Out
=
k
× IAC × (VA Out−1)
VRMS
2
Note 6: Guaranteed by design. Not 100% tested in production.
ELECTRICAL
CHARACTERISTICS
3


Similar Part No. - UC1854L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1854L TI-UC1854L Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854L TI1-UC1854L Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854L TI1-UC1854L Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854L883B TI1-UC1854L883B Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854L883B TI1-UC1854L883B Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results

Similar Description - UC1854L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com