Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0426152NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0426152NL
Description  SMT POWER INDUCTORS Flat Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0426152NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0426152NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0426152NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT POWER INDUCTORS
Flat Coils - PG0426NL Series
.126
3,20
MAX
PG0426.XXXNL
Date Code
Country of Origin
.276
7,00
MAX
.295
7,50MAX
SUGGESTED PAD LAYOUT
.118
3,00
.071
1,80
.146
3,70
Mechanical
Schematic
Part 6
Inductance
DCR (m
Ω)
Saturation
2
Heating
3
Core Loss
4
Number
@0A DC
Current Isat
Current I DC
Factor
(
μH ±20%)
TYP
MAX
(A)
(A)
K2
PG0426.101NL
0.10
1.3
1.5
60
34.5
44.4
PG0426.151NL
0.15
2.0
2.2
57
26.0
40.0
PG0426.201NL
0.20
2.0
2.2
46
26.0
53.3
PG0426.221NL
0.22
2.0
2.2
40
26.0
58.6
PG0426.331NL
0.33
3.2
3.4
34
20.0
62.8
PG0426.471NL
0.47
3.2
3.4
26
20.0
89.4
PG0426.681NL
0.68
5.2
5.4
25
15.5
100.6
PG0426.821NL
0.82
7.8
8.0
24
13.0
99.3
PG0426.102NL
1.00
7.8
8.0
22
13.0
121.1
PG0426.152NL
1.50
11.5
11.8
18
9.0
153.6
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C 1
TAPE & REEL LAYOUT
USER DIRECTION OF FEED
.134
3,40
.630 ± .012
16,00 ± 0,30
.472
12,00
.280
7,10
Height: 3.2mm Max
Footprint: 7.5mm x 7.0mm Max
Current Rating: 60Apk
RoHS compliant
Low DC Resistance
High temperature core material, no thermal aging below 150°C
1
2
Weight......................0.6 grams
Tape & Reel ..............1400/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
P649.B (4/07)


Similar Part No. - PG0426152NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0426 PULSE-PG0426 Datasheet
241Kb / 2P
   SMT Power Inductors
PG0426.101NL PULSE-PG0426.101NL Datasheet
238Kb / 2P
   SMT POWER INDUCTORS Flat coils - PG0426NL Series
PG0426.101NL PULSE-PG0426.101NL Datasheet
241Kb / 2P
   SMT Power Inductors
PG0426.102NL PULSE-PG0426.102NL Datasheet
238Kb / 2P
   SMT POWER INDUCTORS Flat coils - PG0426NL Series
PG0426.102NL PULSE-PG0426.102NL Datasheet
241Kb / 2P
   SMT Power Inductors
More results

Similar Description - PG0426152NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0083332NLT PULSE-PG0083332NLT Datasheet
85Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0083 Series
SPM2007 PULSE-SPM2007_33 Datasheet
238Kb / 2P
   SMT POWER INDUCTORS Flat coils - PG0426NL Series
PG0077.142T PULSE-PG0077.142T Datasheet
135Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0077 and PG0084 Series
PG0006NL PULSE-PG0006NL Datasheet
215Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0006NL and PG0138NL Series
logo
TDK Electronics
NLCV32T-1R5M-EFD TDK-NLCV32T-1R5M-EFD Datasheet
255Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-R47M-EFRD TDK-NLCV25T-R47M-EFRD Datasheet
247Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-4R7M-EFRD TDK-NLCV25T-4R7M-EFRD Datasheet
253Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-2R2M-EFRD TDK-NLCV25T-2R2M-EFRD Datasheet
251Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-220K-EFD TDK-NLCV25T-220K-EFD Datasheet
257Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-1R0M-EFRD TDK-NLCV25T-1R0M-EFRD Datasheet
251Kb / 4P
   SMD / SMT Inductors (Coils)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com