Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMT32B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KMT32B
Description  MAGNETIC ANGLE SENSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KMT32B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KMT32B Datasheet HTML 1Page - List of Unclassifed Manufacturers KMT32B Datasheet HTML 2Page - List of Unclassifed Manufacturers KMT32B Datasheet HTML 3Page - List of Unclassifed Manufacturers KMT32B Datasheet HTML 4Page - List of Unclassifed Manufacturers KMT32B Datasheet HTML 5Page - List of Unclassifed Manufacturers KMT32B Datasheet HTML 6Page - List of Unclassifed Manufacturers KMT32B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAGNETIC ANGLE SENSOR
KMT32B
Preliminary
HL PLANARTECHNIK GmbH • Hauert 13 • 44227 Dortmund • Germany • www.hlplanar.de
service@hlplanar.de • phone: +49-(0)231-97400 • fax: +49-(0)231-974020
KMT32B_PreliminaryDataSheet (2007-01-12)-1.doc
Last update 19.01.07
FEATURES
Contactless angular position
Ideal for harsh environments due to
magnetic sensing
Factory optimized linearity
Low Cost
High Accuracy
High rotational speed up to 30,000
rpm
Extended operating temperature
range (-40 °C to +150 °C)
Low Power
RoHS compliant (lead free)
SMD package
APPLICATIONS
Absolute and incremental angle
Angle Measurement
Motor motion control
Robotics
Camera positioning
Potentiometer replacement
Automotive
PACKAGES
General Description
The KMT32B is a magnetic field sensor based on the anisotropic
magnetoresistance effect. The sensor contains two parallel
supplied Wheatstone bridges, which enclose a sensitive angle of
45 degrees.
A rotating magnetic field in the surface parallel to the chip (x-y
plane) will deliver two independent sinusoidal output signals, one
following a cos(2α) and the second following a sin(2α) function, α
being the angle between sensor and field direction (see Figure
1).
SM8
SO8
TDFN
Die
-15
-10
-5
0
5
10
15
0
45
90
135
180
225
270
315
360
α
[de g]
bridge1 (sin)
bridge2 (cos)
KMT32B
GND1
GND2
+Vo2
+Vo1
-Vo1
-Vo2
+Vcc2
+Vcc1
Figure 1: Characteristic curves for KMT32B


Similar Part No. - KMT32B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
More results

Similar Description - KMT32B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMT32 DIODES-ZMT32 Datasheet
395Kb / 10P
   Magnetic Field Angle Sensor
logo
Zetex Semiconductors
ZMT32 ZETEX-ZMT32 Datasheet
388Kb / 10P
   Magnetic Field Angle Sensor
logo
List of Unclassifed Man...
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
   Magnetic Field Sensors Angle Sensor
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
logo
ams AG
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ASM GmbH
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
   Magnetic Angle Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com