Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2014MT Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP2014MT
Description  Quad High Precision, Rail-to-Rail Output Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP2014MT Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMP2014MT_05 Datasheet HTML 1Page - National Semiconductor (TI) LMP2014MT_05 Datasheet HTML 2Page - National Semiconductor (TI) LMP2014MT_05 Datasheet HTML 3Page - National Semiconductor (TI) LMP2014MT_05 Datasheet HTML 4Page - National Semiconductor (TI) LMP2014MT_05 Datasheet HTML 5Page - National Semiconductor (TI) LMP2014MT_05 Datasheet HTML 6Page - National Semiconductor (TI) LMP2014MT_05 Datasheet HTML 7Page - National Semiconductor (TI) LMP2014MT_05 Datasheet HTML 8Page - National Semiconductor (TI) LMP2014MT_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model
2000V
Machine Model
200V
Supply Voltage
5.8V
Common-Mode Input
Voltage
−0.3
≤ V
CM
≤ V
CC +0.3V
Lead Temperature
(soldering 10 sec.)
+300˚C
Differential Input Voltage
±Supply Voltage
Current at Input Pin
30 mA
Current at Output Pin
30 mA
Current at Power Supply Pin
50 mA
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5.25V
Storage Temperature Range
−65˚C to 150˚C
Operating Temperature Range
LMP2014MT, LMP2014MTX
0˚C to 70˚C
2.7V DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C,
V
+ = 2.7V, V- = 0V, V
CM = 1.35V, VO = 1.35V and RL > 1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 3)
Typ
(Note 2)
Max
(Note 3)
Units
V
OS
Input Offset Voltage
0.8
30
60
µV
Offset Calibration Time
0.5
10
12
ms
TCV
OS
Input Offset Voltage
0.015
µV/˚C
Long-Term Offset Drift
0.006
µV/month
Lifetime V
OS Drift
2.5
µV
I
IN
Input Current
-3
pA
I
OS
Input Offset Current
6
pA
R
IND
Input Differential Resistance
9
M
CMRR
Common Mode Rejection
Ratio
−0.3
≤ V
CM
≤ 0.9V
0
≤ V
CM
≤ 0.9V
95
90
130
dB
PSRR
Power Supply Rejection Ratio
95
90
120
dB
A
VOL
Open Loop Voltage Gain
R
L =10k
95
90
130
dB
R
L =2k
90
85
124
V
O
Output Swing
R
L =10k
Ω to 1.35V
V
IN(diff) = ±0.5V
2.63
2.655
2.68
V
0.033
0.070
0.075
R
L =2k
Ω to 1.35V
V
IN(diff) = ±0.5V
2.615
2.615
2.65
V
0.061
0.085
0.105
I
O
Output Current
Sourcing, V
O =0V
V
IN(diff) = ±0.5V
5
3
12
mA
Sinking, V
O =5V
V
IN(diff) = ±0.5V
5
3
18
I
S
Supply Current per Channel
0.919
1.20
1.50
mA
www.national.com
2


Similar Part No. - LMP2014MT_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2014MT/NOPB TI1-LMP2014MT/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2014MTX NSC-LMP2014MTX Datasheet
688Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2014MTX/NOPB TI1-LMP2014MTX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Quad High Precision, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - LMP2014MT_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
[Old version datasheet]   Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
   High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
   High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com