Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7133Q Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7133Q
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7133Q Datasheet(HTML) 3 Page - Texas Instruments

  TPS7133Q Datasheet HTML 1Page - Texas Instruments TPS7133Q Datasheet HTML 2Page - Texas Instruments TPS7133Q Datasheet HTML 3Page - Texas Instruments TPS7133Q Datasheet HTML 4Page - Texas Instruments TPS7133Q Datasheet HTML 5Page - Texas Instruments TPS7133Q Datasheet HTML 6Page - Texas Instruments TPS7133Q Datasheet HTML 7Page - Texas Instruments TPS7133Q Datasheet HTML 8Page - Texas Instruments TPS7133Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
† TPS7133, TPS7148, TPS7150 (fixed-voltage options)
‡ Capacitor selection is nontrivial. See application information section
for details.
SENSE
PG
OUT
OUT
9
8
6
10
IN
IN
IN
EN
GND
3
2
1
20
15
14
13
VI
0.1
µF
PG
CSR
VO
10
µF
+
TPS71xx†
CO‡
Figure 2. Typical Application Configuration
TPS71xx chip information
These chips, when properly assembled, display characteristics similar to the TPS71xxQ. Thermal compression
or ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
(6)
(4)
(3)
(7)
(2)
(1)
GND
FB¶
OUT
PG
IN
EN
TPS71xx
80
92
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
(6)
(7)
(2)
(5)
(4)
(3)
(1)
§ SENSE – Fixed voltage options only (TPS7133, TPS7148,
and TPS7150)
¶ FB – Adjustable version only (TPS7101)
BONDING PAD ASSIGNMENTS
SENSE§
(5)
NOTE A: For most applications, OUT and SENSE should
be tied together as close as possible to the device;
for other implementations, refer to SENSE-pin
connection
discussion
in
the
Applications
Information section of this data sheet.


Similar Part No. - TPS7133Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7133Q TI-TPS7133Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI1-TPS7133Q Datasheet
1Mb / 39P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133QD TI-TPS7133QD Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7133Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com