Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274AQDRG4Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274AQDRG4Q1
Description  ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AQDRG4Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2274AQDRG4Q1 Datasheet HTML 7Page - Texas Instruments TLC2274AQDRG4Q1 Datasheet HTML 8Page - Texas Instruments TLC2274AQDRG4Q1 Datasheet HTML 9Page - Texas Instruments TLC2274AQDRG4Q1 Datasheet HTML 10Page - Texas Instruments TLC2274AQDRG4Q1 Datasheet HTML 11Page - Texas Instruments TLC2274AQDRG4Q1 Datasheet HTML 12Page - Texas Instruments TLC2274AQDRG4Q1 Datasheet HTML 13Page - Texas Instruments TLC2274AQDRG4Q1 Datasheet HTML 14Page - Texas Instruments TLC2274AQDRG4Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
TLC227xQ1, TLC227xAQ1
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SGLS007B − FEBRUARY 2003 − REVISED OCTOBER 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2274Q electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2274Q
TLC2274AQ
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
300
2500
300
950
V
VIO
Input offset voltage
Full range
3000
1500
µV
VIO
Temperature coefficient of
25
°C
2
2
V/
°C
αVIO
Temperature coefficient of
input offset voltage
25 C
to 125
°C
2
2
µV/°C
Input offset voltage long-
term drift (see Note 4)
VIC = 0 V,
RS = 50 Ω
VO = 0 V,
25
°C
0.002
0.002
µV/mo
IIO
Input offset current
RS = 50 Ω
25
°C
0.5
60
0.5
60
pA
IIO
Input offset current
Full range
800
800
pA
IIB
Input bias current
25
°C
1
60
1
60
pA
IIB
Input bias current
Full range
800
800
pA
−5
− 5.3
−5
− 5.3
Common-mode input
25
°C
−5
to 4
− 5.3
to 4.2
−5
to 4
− 5.3
to 4.2
VICR
Common-mode input
RS = 50 Ω
|VIO |≤ 5 mV
25
°C
to 4
to 4.2
to 4
to 4.2
V
VICR
Common-mode input
voltage
RS = 50 Ω, |VIO | ≤ 5 mV
−5
−5
V
VICR
voltage
RS = 50 , |VIO |
5 mV
Full range
−5
to 3.5
−5
to 3.5
V
Full range
to 3.5
to 3.5
IO = − 20 µA
25
°C
4.99
4.99
Maximum positive peak
IO = − 200 A
25
°C
4.85
4.93
4.85
4.93
VOM +
Maximum positive peak
output voltage
IO = − 200 µA
Full range
4.85
4.85
V
VOM + output voltage
IO = − 1 mA
25
°C
4.25
4.65
4.25
4.65
V
IO = − 1 mA
Full range
4.25
4.25
VIC = 0 V,
IO = 50 µA
25
°C
− 4.99
− 4.99
Maximum negative peak
VIC = 0 V,
IO = 500 A
25
°C
− 4.85
− 4.91
− 4.85
− 4.91
VOM −
Maximum negative peak
output voltage
VIC = 0 V,
IO = 500 µA
Full range
− 4.85
− 4.85
V
VOM − output voltage
VIC = 0 V,
IO = 5 mA
25
°C
− 3.5
− 4.1
− 3.5
− 4.1
V
VIC = 0 V,
IO = 5 mA
Full range
− 3.5
− 3.5
Large-signal differential
RL = 10 kΩ
25
°C
20
50
20
50
AVD
Large-signal differential
voltage amplification
VO = ± 4 V
RL = 10 kΩ
Full range
20
20
V/mV
AVD
voltage amplification
VO = ± 4 V
RL = 1 MΩ
25
°C
300
300
V/mV
rid
Differential input resistance
25
°C
1012
1012
ri
Common-mode input
resistance
25
°C
1012
1012
ci
Common-mode input
capacitance
f = 10 kHz,
N package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 1 MHz,
AV = 10
25
°C
130
130
CMRR
Common-mode rejection
VIC = − 5 V to 2.7 V
25
°C
75
80
75
80
dB
CMRR
Common-mode rejection
ratio
VIC = − 5 V to 2.7 V
VO = 0 V,
RS = 50 Ω
Full range
75
75
dB
kSVR
Supply-voltage rejection
VDD ± = ± 2.2 V to ±8 V,
25
°C
80
95
80
95
dB
kSVR
Supply-voltage rejection
ratio (
∆VDD±/∆VIO)
VDD ± = ± 2.2 V to ±8 V,
VIC = 0 V,
No load
Full range
80
80
dB
IDD
Supply current
VO = 0 V,
No load
25
°C
4.8
6
4.8
6
mA
IDD
Supply current
VO = 0 V,
No load
Full range
6
6
mA
† Full range is − 40°C to 125°C for Q level part.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLC2274AQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2274AQDRG4Q1 TI1-TLC2274AQDRG4Q1 Datasheet
741Kb / 39P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AQDRG4Q1 TI1-TLC2274AQDRG4Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
More results

Similar Description - TLC2274AQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com