Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61180RTER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61180RTER
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61180RTER Datasheet(HTML) 5 Page - Texas Instruments

  TPS61180RTER Datasheet HTML 1Page - Texas Instruments TPS61180RTER Datasheet HTML 2Page - Texas Instruments TPS61180RTER Datasheet HTML 3Page - Texas Instruments TPS61180RTER Datasheet HTML 4Page - Texas Instruments TPS61180RTER Datasheet HTML 5Page - Texas Instruments TPS61180RTER Datasheet HTML 6Page - Texas Instruments TPS61180RTER Datasheet HTML 7Page - Texas Instruments TPS61180RTER Datasheet HTML 8Page - Texas Instruments TPS61180RTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS61180/1/2
SLVS801A – DECEMBER 2007 – REVISED MARCH 2008
MIN
TYP
MAX
UNIT
Vbat
Battery input voltage range
5.0
24
V
Cin
IC supply voltage range
2.7
3.6
V
VO
Output voltage range
Vin
38
V
L
Inductor
4.7
10
µH
CI
Input capacitor
1
µF
CO
Output capacitor
2.2
10
µF
FPWM
PWM dimming frequency
0.1
1
kHz
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
VBAT = 10.8 V, 0.1 µF at Cin, EN = Logic High, IFB current = 15m A, IFB voltage = 500 mV, TA = –40°C to 85°C, typical
values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VBAT
Battery input voltage range
5.0
24
V
Vcc
IC supply voltage range
TPS61180 only
2.7
3.15
3.6
V
Vcin
Cin pin output voltage
TPS61181/TPS61182 only
2.7
3.15
3.6
V
Iq_bat
Operating quiescent current into VBAT
Device enable, switching
TPS61180
1
mA
no load, Vin = 24 V
TPS61181/2
3
Iq_Vcc
Operating quiescent current into Cin pin
TPS61180 only
2
mA
IQ_sw
Operating quiescent current into VO
VO = 35V
50
µA
ISD
Shutdown current
EN=GND
2
18
µA
Vcc_UVLO
Cin pin under-voltage lockout threshold
TPS61180 only
2.2
2.4
V
Vbat_UVLO
VBAT under-voltage lockout threshold
When Vin ramp down
4.2
4.5
V
Vbat_hys
VBAT under-voltage lockout hysteresis
When Vin ramp up
300
mV
EN AND DCTRL
VH
Logic high voltage
1.2
V
VL
Logic low voltage
0.4
V
RPD
Pull down resistor on both pins
400
800
1600
k
TSD
EN pulse width to shutdown
EN high to low
TPS61180/1
27
37
ms
TPS61182
21
28
CURRENT REGULATION
VISET
ISET pin voltage
1.204
1.229
1.253
V
KISET
Current multiple Iout/ISET
ISET current = 15
µA and 25 µA
970
1000
1030
IFB
Current accuracy
Riset = 62K
19.4
20
20.6
mA
Km
(Imax–Imin)/IAVG
ISET current = 15
µA and 25 µA
1
2.5
%
Ileak
IFB pin leakage current
IFB voltage = 20 V on all pins
3
µA
IIFB_MAX
Current sink max output current
IFB = 425 mV
25
mA
BOOST OUTPUT REGULATION
VIFB_L
VO dial up threshold
Measured on VIFB(min)
400
mV
VIFB_H
VO dial down threshold
Measured on VIFB(min)
700
mV
Vreg_L
Min Vout regulation voltage
16
V
Vo_step
VO stepping voltage
100
150
mV
POWER SWITCH
RPWM_SW
PWM FET on-resistance
0.2
0.45
Rstart
Start up charging resistance
VO = 0 V
100
300
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS61180/1/2


Similar Part No. - TPS61180RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180RTER TI1-TPS61180RTER Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTERG4 TI1-TPS61180RTERG4 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61180RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com