Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7150QD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7150QD
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7150QD Datasheet(HTML) 4 Page - Texas Instruments

  TPS7150QD Datasheet HTML 1Page - Texas Instruments TPS7150QD Datasheet HTML 2Page - Texas Instruments TPS7150QD Datasheet HTML 3Page - Texas Instruments TPS7150QD Datasheet HTML 4Page - Texas Instruments TPS7150QD Datasheet HTML 5Page - Texas Instruments TPS7150QD Datasheet HTML 6Page - Texas Instruments TPS7150QD Datasheet HTML 7Page - Texas Instruments TPS7150QD Datasheet HTML 8Page - Texas Instruments TPS7150QD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
_
+
Vref = 1.178 V
OUT
SENSE‡ /FB
EN
IN
GND
R1
R2
PG
_
+
TPS7101
TPS7133
TPS7148
TPS7150
DEVICE
UNIT
R1
R2
0
420
726
756
233
233
233
k
k
k
RESISTOR DIVIDER OPTIONS
† Switch positions are shown with EN low (active).
‡ For most applications, SENSE should be externally connected to OUT as close as possible to the device. For other implementations, refer to
SENSE-pin connection discussion in Applications Information section.
NOTE A: Resistors are nominal values only.
1.12 V
††
MOS transistors
Bilpolar transistors
Diodes
Capacitors
Resistors
COMPONENT COUNT
464
41
4
17
76
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)§
Input voltage range, VI, PG, SENSE, EN
– 0.3 V to 11 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Tables 1 and 2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
§ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
¶ All voltage values are with respect to network terminal ground.
DISSIPATION RATING TABLE 1 – FREE-AIR TEMPERATURE (see Figure 3)#
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
145 mW
D
P
||
725 mW
1175 mW
5.8 mW/ C
9.4 mW/
°C
464 mW
752 mW
145 mW
235 mW
PW||
700 mW
5.6 mW/
°C
448 mW
140 mW
DISSIPATION RATING TABLE 2 – CASE TEMPERATURE (see Figure 4)#
PACKAGE
TC ≤ 25°C
DERATING FACTOR
TC = 70°C
TC = 125°C
PACKAGE
C
POWER RATING
ABOVE TC = 25°C
C
POWER RATING
C
POWER RATING
D
P
2188 mW
2738 mW
17.5 mW/
°C
21 9 mW/
°C
1400 mW
1752 mW
438 mW
548 mW
P
PW||
2738 mW
4025 mW
21.9 mW/
°C
32.2 mW/
°C
1752 mW
2576 mW
548 mW
805 mW
# Dissipation rating tables and figures are provided for maintenance of junction temperature at or below
absolute maximum temperature of 150
°C. For guidelines on maintaining junction temperature within
recommended operating range, see the Thermal Information section.
|| Refer to Thermal Information section for detailed power dissipation considerations when using the TSSOP packages.


Similar Part No. - TPS7150QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7150QD TI-TPS7150QD Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150QD TI-TPS7150QD Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150QD TI-TPS7150QD Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150QD TI1-TPS7150QD Datasheet
1Mb / 39P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150QDG4 TI-TPS7150QDG4 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7150QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com