Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61180RTERG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61180RTERG4
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61180RTERG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61180RTERG4 Datasheet HTML 1Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 2Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 3Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 4Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 5Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 6Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 7Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 8Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TPS61180/1/2
SLVS801A – DECEMBER 2007 – REVISED MARCH 2008
www.ti.com
WLED DRIVER FOR NOTEBOOK DISPLAY
• 5 V to 24 V Input Voltage
• True Shutdown
• Integrated 1.5 A 40 V MOSFET
• Over Voltage Protection
• 1.0 MHz/1.3 MHz Switching Frequency
• WLED Open/Short Protection
• Boost Output Auto-Adaptive to WLED Voltages
• Built-in Soft Start
• Small External Components
• 16L 3 mm×3 mm QFN
• Integrated Loop Compensation
• Six Current Sink of 25 mA
• Notebook LCD Display Backlight
• Up to 10 WLED in Series
• UMPC LCD Display Backlight
• Less Than 3% Current Matching and Accuracy
• Backlight for Media Form Factor LCD display
• 100:1 PWM Brightness Dimming Range
• Minimized Output Ripple Under PWM Dimming
• Driver for Input/Output Isolation PFET
The TPS61180/1/2 ICs provide highly integrated solutions for media size LCD backlight. These devices have a
built-in high efficiency boost regulator with integrated 1.5A/40V power MOSFET. The six current sink regulators
provide high precision current regulation and matching. In total, the device can support up to 60 WLED. In
addition, the boost output automatically adjusts its voltage to the WLED forward voltage to improve efficiency.
The devices support pulse width modulation (PWM) brightness dimming. During dimming, the WLED current is
turned on/off at the duty cycle and frequency determined by the PWM signal input on the DCRTL pin. One
potential issue of PWM dimming is audible noises from the output ceramic capacitors. The TPS61180/1/2 family
is designed to minimize this output AC ripple across a wide dimming duty cycle and frequency range; and,
therefore reduce the audible noise.
The TPS61180/1/2 ICs provide a driver output for an external PFET connected between the input and inductor.
During short circuit or over-current conditions, the ICs turn off the external PFET and disconnect the battery from
the WLEDs. The PFET is also turned off during IC shutdown (true shutdown) to prevent any leakage current of
the battery. The device also integrates over-voltage protection, soft-start and thermal shutdown.
The TPS61180 IC requires external 3.3V IC supply, while TPS61181 and TPS61182 ICs have a built-in linear
regulator for the IC supply. All the devices are in a 3
×3 mm QFN package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61180RTERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180RTERG4 TI1-TPS61180RTERG4 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61180RTERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com