Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7148QD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7148QD
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7148QD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7148QD Datasheet HTML 7Page - Texas Instruments TPS7148QD Datasheet HTML 8Page - Texas Instruments TPS7148QD Datasheet HTML 9Page - Texas Instruments TPS7148QD Datasheet HTML 10Page - Texas Instruments TPS7148QD Datasheet HTML 11Page - Texas Instruments TPS7148QD Datasheet HTML 12Page - Texas Instruments TPS7148QD Datasheet HTML 13Page - Texas Instruments TPS7148QD Datasheet HTML 14Page - Texas Instruments TPS7148QD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at IO = 10 mA, EN = 0 V, CO = 4.7 µF/CSR= 1 Ω, TJ = 25°C, SENSE/FB
shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TPS7101Y, TPS7133Y
TPS7148Y, TPS7150Y
UNIT
MIN
TYP
MAX
Ground current (active mode)
EN
≤ 0.5 V,
0 mA
≤ IO ≤ 500 mA
VI = VO + 1 V,
285
µA
Output current limit
VO = 0,
VI = 10 V
1.2
A
PG leakage current
Normal operation,
VPG = 10 V
0.02
µA
Thermal shutdown junction temperature
165
°C
EN hysteresis voltage
50
mV
Minimum VI for active pass element
2.05
V
Minimum VI for valid PG
IPG = 300 µA
1.06
V
PARAMETER
TEST CONDITIONS‡
TPS7101Y
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
TYP
MAX
UNIT
Reference voltage (measured at FB with OUT
connected to FB)
VI = 3.5 V,
IO = 10 mA
1.178
V
VI = 2.4 V,
50
µA ≤ IO ≤ 150 mA
0.7
VI = 2.4 V,
150 mA
≤ IO ≤ 500 mA
0.83
Pass-element series resistance (see Note 2)
VI = 2.9 V,
50
µA ≤ IO ≤ 500 mA
0.52
VI = 3.9 V,
50
µA ≤ IO ≤ 500 mA
0.32
VI = 5.9 V,
50
µA ≤ IO ≤ 500 mA
0.23
Input regulation
VI = 2.5 V to 10 V,
See Note 1
50
µA ≤ IO ≤ 500 mA,
18
mV
Output regulation
2.5 V
≤ VI ≤ 10 V,
See Note 1
IO = 5 mA to 500 mA,
14
mV
Output regulation
2.5 V
≤ VI ≤ 10 V,
See Note 1
IO = 50 µA to 500 mA,
22
mV
Ripple rejection
VI = 3.5 V,
IO = 50 µA
f = 120 Hz,
59
dB
Output noise-spectral density
VI = 3.5 V,
f = 120 Hz
2
µV/√Hz
VI = 3.5 V,
CO = 4.7 µF
95
Output noise voltage
VI = 3.5 V,
10 Hz
≤ f ≤ 100 kHz,
CO = 10 µF
89
µVrms
CSR† = 1
CO = 100 µF
74
PG hysteresis voltage§
VI = 3.5 V,
Measured at VFB
12
mV
PG output low voltage§
VI = 2.13 V,
IPG = 400 µA
0.1
V
FB input current
VI = 3.5 V
VI = 3.5 V
0.1
nA
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.
§ Output voltage programmed to 2.5 V with closed-loop configuration (see application information).
NOTES:
1. When VI < 2.9 V and IO > 150 mA simultaneously, pass element rDS(on) increases (see Figure 27) to a point such that the resulting
dropout voltage prevents the regulator from maintaining the specified tolerance range.
2. To calculate dropout voltage, use equation:
VDO = IO rDS(on)
rDS(on) is a function of both output current and input voltage. The parametric table lists rDS(on) for VI = 2.4 V, 2.9 V, 3.9 V, and
5.9 V, which corresponds to dropout conditions for programmed output voltages of 2.5 V, 3 V, 4 V, and 6 V, respectively. For other
programmed values, refer to Figure 26.


Similar Part No. - TPS7148QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7148QD TI-TPS7148QD Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7148QD TI-TPS7148QD Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7148QD TI-TPS7148QD Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7148QD TI1-TPS7148QD Datasheet
1Mb / 39P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7148QDG4 TI-TPS7148QDG4 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7148QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com