Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7148QP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7148QP
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7148QP Datasheet(HTML) 5 Page - Texas Instruments

  TPS7148QP Datasheet HTML 1Page - Texas Instruments TPS7148QP Datasheet HTML 2Page - Texas Instruments TPS7148QP Datasheet HTML 3Page - Texas Instruments TPS7148QP Datasheet HTML 4Page - Texas Instruments TPS7148QP Datasheet HTML 5Page - Texas Instruments TPS7148QP Datasheet HTML 6Page - Texas Instruments TPS7148QP Datasheet HTML 7Page - Texas Instruments TPS7148QP Datasheet HTML 8Page - Texas Instruments TPS7148QP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Figure 3
1200
800
400
0
25
50
75
100
DISSIPATION DERATING CURVE
vs
FREE-AIR TEMPERATURE
125
150
1400
1000
600
200
PW and PWP
Package
R
θJA = 178°C/W
TA – Free-Air Temperature – °C
P Package
R
θJA = 106°C/W
D Package
R
θJA = 172°C/W
Figure 4
2400
1600
800
0
25
50
75
100
3200
4000
DISSIPATION DERATING CURVE
vs
CASE TEMPERATURE
4800
125
150
4400
3600
2800
2000
1200
400
PW Package
R
θJC = 31°C/W
TC – Case Temperature – °C
D Package
R
θJC = 57°C/W
P Package
R
θJC = 46°C/W
† Dissipation rating tables and figures are provided for maintenance of junction temperature at or below absolute maximum temperature of 150
°C.
For guidelines on maintaining junction temperature within recommended operating range, see the Thermal Information section.
recommended operating conditions
MIN
MAX
UNIT
TPS7101Q
2.5
10
Input voltage VI‡
TPS7133Q
3.77
10
V
Input voltage, VI‡
TPS7148Q
5.2
10
V
TPS7150Q
5.33
10
High-level input voltage at EN, VIH
2
V
Low-level input voltage at EN, VIL
0.5
V
Output current range, IO
0
500
mA
Operating virtual junction temperature range, TJ
– 40
125
°C
‡ Minimum input voltage defined in the recommended operating conditions is the maximum specified output voltage plus dropout voltage at the
maximum specified load range. Since dropout voltage is a function of output current, the usable range can be extended for lighter loads. To
calculate the minimum input voltage for your maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load)
Because the TPS7101 is programmable, rDS(on)shouldbeusedtocalculateVDObeforeapplyingtheaboveequation.Theequationforcalculating
VDO from rDS(on) is given in Note 2 in the electrical characteristics table. The minimum value of 2.5 V is the absolute lower limit for the
recommended input voltage range for the TPS7101.


Similar Part No. - TPS7148QP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7148QP TI-TPS7148QP Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7148QP TI-TPS7148QP Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7148QP TI-TPS7148QP Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7148QP TI1-TPS7148QP Datasheet
1Mb / 39P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7148QPE4 TI-TPS7148QPE4 Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7148QP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com