Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6318-59 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 6318-59
Description  438 PCB Barrier Terminal Strip, 600V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6318-59 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  6318-59 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6318-59 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STYLE 1
No PC
Terminal
STYLE 5
PC
STYLE 6
Solder
Turret
STYLE 7
Wire Wrap
STD
.43"
(10,9)
-75
.705"
(17,9)
-81
.77"
(19,6)
BEAU
63
C
in.
mm
1.02
25,9
1.46
37,1
1.90
48,3
2.32
59,4
2.77
70,4
3.21
81,5
3.65
92,7
4.09
104
4.52
115
4.96
126
5.40
137
5.84
148
6.27
159
6.71
170
7.15
182
TERMINAL STYLES
A
in.
mm
1.71
43,5
2.15
54,6
2.59
65,7
3.02
76,8
3.46
88,0
3.90
99,1
4.34
110
4.77
121
5.21
132
5.65
144
6.09
155
6.52
166
6.96
177
7.40
188
7.84
199
No. of Circuits
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B
in.
mm
1.31
33,4
1.75
44,5
2.19
55,6
2.62
66,7
3.06
77,8
3.50
88,9
3.94
100
4.37
111
4.81
122
5.25
133
5.69
144
6.12
156
6.56
167
7.00
178
7.44
189
X
.070" X .032"
(1,8 X 0,8)
.13"
(3,3)
.050"
(1,3)
.25"
(6,4)
.062" X .032"
(1,6 X 0,8)
Option
X
STD
.15" (3,8)
.062" X .032"
(1,6 X 0,8)
A
B
C
.190" Dia (4,8)
2 Mtg Holes
.325"
(8,3)
.79"
(20,1)
.31"
(7,9)
.20"
(5,1)
.40"
(10,2)
.65"
(16,5)
.32"
(8,1)
.04"
(1,02)
.438"
(11,1)
BEAU
Molex Industrial Division
New England Operations
Gilford, NH 03246-6600
Phone
(603) 524-5101
Fax
(603) 524-1627
Internet
www.beauint.com
SERIES 63
BEAU Terminal Blocks


Similar Part No. - 6318-59

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6318 ALPHAWIRE-6318 Datasheet
76Kb / 2P
   Component 1 4 X 1 PAIR
logo
ebm-papst
6318/2HPU-216 EBMPAPST-6318/2HPU-216 Datasheet
371Kb / 1P
   DC axial fans
6318/2TDH4P EBMPAPST-6318/2TDH4P Datasheet
499Kb / 4P
   DC axial compact fan
6318/2TDHHP EBMPAPST-6318/2TDHHP Datasheet
456Kb / 4P
   DC axial compact fan
6318/2TDHP EBMPAPST-6318/2TDHP Datasheet
455Kb / 4P
   DC axial compact fan
More results

Similar Description - 6318-59

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0386608803 MOLEX5-0386608803 Datasheet
203Kb / 3P
   12.70mm (.500") Pitch Beau??PCB Tri-Barrier Terminal Strip, with Mounting Ends, 600V, 3 Circuits
0386608802 MOLEX5-0386608802 Datasheet
203Kb / 3P
   12.70mm (.500") Pitch Beau??PCB Tri-Barrier Terminal Strip, with Mounting Ends, 600V, 2 Circuits
logo
API Technologies Corp
52F188-002-A APITECH-52F188-002-A Datasheet
371Kb / 3P
   Barrier Strip Filtered Terminal Blocks
logo
Spectrum Microwave, Inc...
52-188-002-A SPECTRUM-52-188-002-A Datasheet
124Kb / 2P
   Barrier Strip Filtered Terminal Blocks
logo
Adam Technologies, Inc.
TBN-XX-03-B ADAM-TECH-TBN-XX-03-B Datasheet
81Kb / 1P
   BARRIER STRIP PITCH STRAIGHT PCB
TBN-XX-01-M ADAM-TECH-TBN-XX-01-M Datasheet
78Kb / 1P
   BARRIER STRIP PITCH STRAIGHT PCB
TBY-XX-01-B ADAM-TECH-TBY-XX-01-B Datasheet
79Kb / 1P
   BARRIER STRIP PITCH STRAIGHT PCB
logo
Molex Electronics Ltd.
38600-6603 MOLEX11-38600-6603 Datasheet
41Kb / 2P
   6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-6609 MOLEX11-38600-6609 Datasheet
41Kb / 2P
   6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38740-6109 MOLEX11-38740-6109 Datasheet
40Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com