Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC37136MG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UC37136MG4
Description  DUAL OUTPUT SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC37136MG4 Datasheet(HTML) 1 Page - Texas Instruments

  UC37136MG4 Datasheet HTML 1Page - Texas Instruments UC37136MG4 Datasheet HTML 2Page - Texas Instruments UC37136MG4 Datasheet HTML 3Page - Texas Instruments UC37136MG4 Datasheet HTML 4Page - Texas Instruments UC37136MG4 Datasheet HTML 5Page - Texas Instruments UC37136MG4 Datasheet HTML 6Page - Texas Instruments UC37136MG4 Datasheet HTML 7Page - Texas Instruments UC37136MG4 Datasheet HTML 8Page - Texas Instruments UC37136MG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UC27136, UC37136
DUAL OUTPUT SWITCH
SLUS447 - FEBRUARY 2000 - REVISED JULY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 250-mA Continuous Total Output Drive
D Two Output Power Switches, 35-V
Maximum Operation
D Low-Side or High-Side Switch
Configuration
D User Programmable Phasing of Output
Switch LS2/HS2
D Internal Output Voltage Clamp for Driving
Inductive Loads
D 9 V to 35 V Supply Voltage Range
D Current Limit Protection
D Thermal Shutdown Protection
D UVLO With User Programmable Time Delay
description
The UCx7136 bipolar dual switch contains all the control and drive circuitry required to drive resistive,
capacitive, and inductive loads as in industrial sensor applications. The output drivers are 250-mA NPN power
switches that can switch a load between a voltage supply up to 35 V and GND with a continuous output current
rating of 250 mA, combined or individually. Internal 46-V Zener clamps are provided to clamp collector-to-emitter
NPN power switch voltages to safe levels when driving inductive loads. The two outputs can be configured in
any combination of high side (load to GND) or low side (load to VCC). The output of switch 1 is fixed in phase
with the CMOS compatible IN1 pin. The CMOS compatible exclusive OR gate inputs, IN2 and INV2, determine
the output phase of switch 2. An under voltage lockout (UVLO) function is provided to disable both output NPN
power switches until VCC is greater than 8 V. Both output NPN power switches can also be disabled past the
UVLO enable trip point by an external user programmable time delay capacitor. An internal current limit function
enables a low on/off duty cycle of the NPN power switches should the dc current go beyond 1 A. An internal
thermal shutdown function disables the switches if the IC temperature reaches 155
°C such as in an overcurrent
condition.
schematic
UDG-99016
REFERENCE
1
3
6
7
8
4
5
12
13
15
11
HS1
9
LS1
14
HS2
16
LS2
2.5
µA
4 V
REF
8 V
UVLO
10
N/C
N/C
SWITCH 2
SWITCH 1
REF
SQ
R
2
VCC
CDEL
SD
INV2
IN2
IN1
GND
5 k
0.7
0.7
CURRENT LIMIT
155
°C/135°C
Copyright
© 2000, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DP, M, OR NP
PACKAGES
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
SD
CDEL
GND
GND
INV2
IN2
IN1
LS2
N/C
HS2
GND
GND
HS1
N/C
LS1


Similar Part No. - UC37136MG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC37131 TI-UC37131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC37131 TI-UC37131 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
UC37131D TI1-UC37131D Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC37131DG4 TI1-UC37131DG4 Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC37132 TI-UC37132 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
More results

Similar Description - UC37136MG4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP43102 VISHAY-SIP43102 Datasheet
86Kb / 6P
   Dual Output Power Switch
Rev. C, 28-Feb-05
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Fairchild Semiconductor
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
logo
Allegro MicroSystems
3235 ALLEGRO-3235 Datasheet
73Kb / 8P
   DUAL-OUTPUT HALL-EFFECT SWITCH
logo
Standex Electronics, In...
MFM7-DHS1-5KCD4 STANDEX-MFM7-DHS1-5KCD4 Datasheet
632Kb / 3P
   Dual Output Hall Switch Sensor
Rev BBD
S12-DHS1-5KSA5 STANDEX-S12-DHS1-5KSA5 Datasheet
625Kb / 3P
   Dual Output Hall Switch Sensor
Rev BCD
S63B-DHS1-5KCB2A STANDEX-S63B-DHS1-5KCB2A Datasheet
590Kb / 3P
   Dual Output Hall Switch Sensor
Rev BCB
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com