Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX60-4016E Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZX60-4016E
Description  Connectorized Amplifier 50廓, 20 MHz to 4 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX60-4016E Datasheet(HTML) 1 Page - Mini-Circuits

  ZX60-4016E Datasheet HTML 1Page - Mini-Circuits ZX60-4016E Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET
http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits®
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV.A
M98898
EDR-6177/2
ZX60-4016E
RAV/URJ
061121
page 1 of 2
Electrical Specifications at T
AMB = 25
o
C
MODEL
NO.
FREQ.
(GHz)
f
L - fU
DC
VOLTAGE
@ Pin V+
(V)
GAIN over frequency in GHz
Typ (dB)
MAXIMUM
POWER
(dBm)
Output
(1 dB Comp.)
Typ.
f
L
f
U
DYNAMIC
RANGE
NF
IP3
(dB) (dBm)
Typ. Typ.
VSWR
(:1)
Typ.
ACTIVE
DIRECTIVITY
(dB)
Isolation-Gain
Typ.
DC
OPERATING
CURRENT @
Pin V+
(mA)
Typ. Max.
0.1 1.0 2.0
3.0
4.0 Min.at
2 GHz
In
Out
f
L-3
3-f
U
f
L-3
3-f
U
GHz GHz GHz GHz
ZX60-4016E(+) 0.02 - 4
12.0
20.1 19.5 18.2 16.5 14.9 15.7
17.4 14.5
3.9
30.0
1.25
1.3
1.3
1.2
3-6
64
75
• Cellular
• PCS
• Communication Receivers & Transmitters
• Lab
• Instrumentation
• Test Equipment
Applications
• Wide Bandwidth, 20 MHz to 4 GHz
• Low Noise Figure, 3.9 dB Typ.
• Output Power,Up to 17.4 dBm Typ.
• Protected by US Patent 6,790,049
Features
Connectorized
ZX60-4016E
Amplifier
50Ω, 20 MHz to 4 GHz
inch
mm
Outline Dimensions (
)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
wt.
.74 .75 .46 1.18 .04 .17 .45 .59 .33 .21 .22 .18 1.00 0.37 .18 .09 grams
18.8 19.1 11.6 30.0 1.0 4.3 11.4 14.9 8.3 5.3 5.6 4.6 25.4 9.4 4.6 2.3
23.0
Outline Drawing
Maximum Ratings
Operating Temperature
-45oC to 85oC
Storage Temperature
-55oC to 100oC
DC Voltage
12.5V
Input Power(no Damage)
13dBm
Power
950mW
CASE STYLE: GC957
Connectors
Model
Price
Qty.
SMA
ZX60-4016E-S+
$49.95 ea.
(1-9)
SMA
ZX60-4016E-S
$49.95 ea.
(1-9)
ZX60-4016E+
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.


Similar Part No. - ZX60-4016E

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-4016E-S MINI-ZX60-4016E-S Datasheet
294Kb / 2P
   Amplifier
REV. C
ZX60-4016E-S++ MINI-ZX60-4016E-S+ Datasheet
294Kb / 2P
   Amplifier
REV. C
ZX60-4016E MINI-ZX60-4016E_15 Datasheet
264Kb / 2P
   Amplifier
More results

Similar Description - ZX60-4016E

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-8008E MINI-ZX60-8008E Datasheet
94Kb / 2P
   Connectorized Amplifier 50 Ohm, 20 MHz to 8 GHz
ZX60-3018G MINI-ZX60-3018G Datasheet
197Kb / 2P
   Connectorized Amplifier 50ohm, 20 MHz to 3 GHz
ZVA-213 MINI-ZVA-213 Datasheet
222Kb / 2P
   Wideband Amplifier 50廓 800 MHz to 21 GHz
LZY-1 MINI-LZY-1 Datasheet
183Kb / 2P
   High Power Amplifier 50廓 50W 20 to 512 MHz
RCAT-00 MINI-RCAT-00 Datasheet
592Kb / 4P
   50廓 2W 0dB DC to 20 GHz
logo
M/A-COM Technology Solu...
MA4SWX10 MA-COM-MA4SWX10 Datasheet
950Kb / 9P
   Specified from 50 MHz to 20 GHz
logo
Mini-Circuits
RVA-3000 MINI-RVA-3000 Datasheet
210Kb / 2P
   Voltage Variable Attenuator 50廓 20 to 3000 MHz
ZFL-1000VH MINI-ZFL-1000VH Datasheet
189Kb / 2P
   Amplifier 50廓 Medium Power 10 to 1000 MHz
logo
Analog Devices
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
logo
Agilent(Hewlett-Packard...
MGA-53543 HP-MGA-53543 Datasheet
181Kb / 14P
   50 MHz to 6 GHz High Linear Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com