Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS942AIDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS942AIDT
Description  Output rail-to-rail micropower operational amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS942AIDT Datasheet(HTML) 1 Page - STMicroelectronics

  TS942AIDT Datasheet HTML 1Page - STMicroelectronics TS942AIDT Datasheet HTML 2Page - STMicroelectronics TS942AIDT Datasheet HTML 3Page - STMicroelectronics TS942AIDT Datasheet HTML 4Page - STMicroelectronics TS942AIDT Datasheet HTML 5Page - STMicroelectronics TS942AIDT Datasheet HTML 6Page - STMicroelectronics TS942AIDT Datasheet HTML 7Page - STMicroelectronics TS942AIDT Datasheet HTML 8Page - STMicroelectronics TS942AIDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2008
Rev 4
1/19
19
TS941 TS942 TS944
Output rail-to-rail micropower operational amplifiers
Features
Rail-to-rail output voltage swing
Micropower consumption (1.2 µA)
Single supply operation (2.5 V to 10 V)
CMOS inputs
Ultra low input bias current (1 pA)
ESD protection (2 kV)
Latch-up immunity (class A)
Available in SOT23-5 micropackage
Applications
Battery-powered systems (alarm)
Portable communication systems (pagers)
Smoke/gas/fire detectors
Instrumentation and sensoring
PH meter
Description
The TS94x (single, dual and quad) series are
operational amplifiers characterized for 2.5 V to
10 V operation over -40° C to +85° C temperature
range.
They exhibit excellent consumption -1.2 µA, while
featuring 10 kHz gain bandwidth product, 1.5 mA
output capability and output rail-to-rail operation -
2.85 V typ @ 3 V with RL=10 kΩ.
The TS94x op-amps are ideal for battery-powered
systems, where very low supply current and
output rail-to-rail are required. Their very low -
1 pA typ input bias current and constant supply
current over supply voltage enhance TS94x’s
performance near the end of the battery charge or
battery life.
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
VCC
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N.C.
Non-inverting Input 1
V DD
VCC
Output 2
N.C.
N.C.
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
TS941ILT
TS944IN-TS944ID-TS944IDT-
TS944IPT
TS941ID-TS941IDT
TS942IN-TS942ID-TS942IDT-
TS942IPT
www.st.com


Similar Part No. - TS942AIDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS942AIDT STMICROELECTRONICS-TS942AIDT Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
More results

Similar Description - TS942AIDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
TS93X STMICROELECTRONICS-TS93X Datasheet
977Kb / 17P
   Output rail-to-rail micropower operational amplifiers
November 2012 Rev 5
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com