Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3-0155-32S-P1-E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TS3-0155-32S-P1-E
Description  1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS3-0155-32S-P1-E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS3-0155-32S-P1-E Datasheet HTML 1Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 2Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 3Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 4Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 5Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 6Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 7Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 8Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1310 nm Single-mode Transceiver (S1.1)
1x9, SC Duplex Connector, 3.3 V
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Version 3.3
1/10
Date: 2003/02/17
http:// www.ritekom.com
Features
Compliant with 155 Mbps ATM and SONET OC-3
SDH STM-1 (S1.1)
Industry standard 1
×9 footprint
SC duplex connector
Single power supply 3.3 V
Differential LVPECL inputs and outputs
Compatible with solder and aqueous wash processes
Class 1 laser product complies with EN 60825-1
Description
The TS3-0155-32S-P1-X transceivers utilizing 1310 nm
MQW laser diodes are fully compliance to the 155 Mbps
ATM and SONET OC-3 SDH STM-1 standard, and
designed in industry standard 1
×9 package with SC duplex
connector. The transmitter section is a class 1 laser which is
compliant to International Safety Standard EN 60825-1.
Ordering Information
PART NUMBER
INPUT/OUTPUT
SIGNAL DETECT
VOLTAGE
TEMPERATURE
TS3-0155-32S-P1
DC/DC
LVPECL
3.3 V
0°C to 70 °C
TS3-0155-32S-P1-E
DC/DC
LVPECL
3.3 V
−40°C to 85°C
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTE
Storage Temperature
TS
−40
85
°C
Supply Voltage
Vcc
−0.5
6.0
V
Input Voltage
VIN
−0.5
Vcc
V
Output Current
Io
---
50
mA
Operating Current
IOP
---
400
mA
Soldering Temperature
TSOLD
---
260
°C
10 seconds on leads


Similar Part No. - TS3-0155-32S-P1-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS3-45A01 ETC-TS3-45A01 Datasheet
105Kb / 1P
   3-pole MCF
TS3-57 ETC2-TS3-57 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
TS3-60 ETC2-TS3-60 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
TS3-65 ETC2-TS3-65 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
TS3-75 ETC2-TS3-75 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
More results

Similar Description - TS3-0155-32S-P1-E

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
V23836-C18-C63 FINISAR-V23836-C18-C63 Datasheet
217Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
V23836-C18-R363 FINISAR-V23836-C18-R363 Datasheet
216Kb / 13P
   1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Infineon Technologies A...
V23806-A34-C2 INFINEON-V23806-A34-C2 Datasheet
131Kb / 5P
   Single Mode FDDI 1x9 Transceiver with SC Receptacle
MARCH 2000
V23836-C18-C63 INFINEON-V23836-C18-C63 Datasheet
298Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1
2004-02-13
V23826-H18-C63 INFINEON-V23826-H18-C63 Datasheet
422Kb / 14P
   DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
logo
Optoway Technology Inc
SPS-2140WG OPTOWAY-SPS-2140WG_15 Datasheet
188Kb / 5P
   1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110WG OPTOWAY-SPS-2110WG_15 Datasheet
188Kb / 5P
   1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com