Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G157 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AUP1G157
Description  Low-power 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G157 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1G157 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G157 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G157 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G157 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G157 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G157 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G157 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G157 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G157 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AUP1G157_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 9 November 2006
7 of 16
NXP Semiconductors
74AUP1G157
Low-power 2-input multiplexer
[1]
One input at VCC − 0.6 V, other input at VCC or GND.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.75
× V
CC
--
V
VCC = 0.9 V to 1.95 V
0.70
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.25
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.30
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.11 -
-
V
IO = −1.1 mA; VCC = 1.1 V
0.6
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
0.93
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.17
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.77
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.67
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.40
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.30
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.75
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.75
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
1.4
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
[1] --
75
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP1G157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G157 NXP-74AUP1G157 Datasheet
84Kb / 16P
   Low-power 2-input multiplexer
Rev. 02-5 February 2008
logo
Nexperia B.V. All right...
74AUP1G157 NEXPERIA-74AUP1G157 Datasheet
267Kb / 17P
   Low-power 2-input multiplexer
Rev. 9 - 18 January 2022
74AUP1G157-Q100 NEXPERIA-74AUP1G157-Q100 Datasheet
219Kb / 13P
   Low-power 2-input multiplexer
Rev. 2 - 4 November 2021
logo
NXP Semiconductors
74AUP1G157GF NXP-74AUP1G157GF Datasheet
84Kb / 16P
   Low-power 2-input multiplexer
Rev. 02-5 February 2008
74AUP1G157GM NXP-74AUP1G157GM Datasheet
84Kb / 16P
   Low-power 2-input multiplexer
Rev. 02-5 February 2008
More results

Similar Description - 74AUP1G157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G157 NXP-74AUP1G157 Datasheet
84Kb / 16P
   Low-power 2-input multiplexer
Rev. 02-5 February 2008
74AUP2G157 NXP-74AUP2G157 Datasheet
113Kb / 20P
   Low-power 2-input multiplexer
Rev. 03-2 July 2008
74AUP1G157 PHILIPS-74AUP1G157_15 Datasheet
264Kb / 20P
   Low-power 2-input multiplexer
Rev. 5-22 June 2012
logo
Nexperia B.V. All right...
74AUP1G157-Q100 NEXPERIA-74AUP1G157-Q100 Datasheet
219Kb / 13P
   Low-power 2-input multiplexer
Rev. 2 - 4 November 2021
74AUP1G157 NEXPERIA-74AUP1G157 Datasheet
267Kb / 17P
   Low-power 2-input multiplexer
Rev. 9 - 18 January 2022
74AUP2G157 NEXPERIA-74AUP2G157 Datasheet
283Kb / 20P
   Low-power 2-input multiplexer
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP1G158 NXP-74AUP1G158 Datasheet
93Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP1G158 PHILIPS-74AUP1G158_15 Datasheet
203Kb / 19P
   Low-power 2-input multiplexer; inverting
Rev. 5-3 August 2012
logo
Nexperia B.V. All right...
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com