Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV221A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV221A
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV221A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV221A Datasheet HTML 4Page - Texas Instruments SN74LV221A Datasheet HTML 5Page - Texas Instruments SN74LV221A Datasheet HTML 6Page - Texas Instruments SN74LV221A Datasheet HTML 7Page - Texas Instruments SN74LV221A Datasheet HTML 8Page - Texas Instruments SN74LV221A Datasheet HTML 9Page - Texas Instruments SN74LV221A Datasheet HTML 10Page - Texas Instruments SN74LV221A Datasheet HTML 11Page - Texas Instruments SN74LV221A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN54LV221A, SN74LV221A
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SCLS450G − DECEMBER 1999 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TEST
TA = 25°C
SN54LV221A
SN74LV221A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
A or B
Q or Q
7.1*
12*
1*
14*
1
14
tpd
CLR
Q or Q
CL = 15 pF
6.5*
9.4*
1*
11*
1
11
ns
tpd
CLR trigger
Q or Q
CL = 15 pF
7.3*
12.9*
1*
15*
1
15
ns
A or B
Q or Q
8.2
14
1
16
1
16
tpd
CLR
Q or Q
CL = 50 pF
7.4
11.4
1
13
1
13
ns
tpd
CLR trigger
Q or Q
CL = 50 pF
8.6
14.9
1
17
1
17
ns
CL = 50 pF,
Cext = 28 pF,
Rext = 2 kΩ
171
200
240
240
ns
tw†
Q or Q
CL = 50 pF,
Cext = 0.01 µF,
Rext = 10 kΩ
90
100
110
90
110
90
110
ms
CL = 50 pF,
Cext = 0.1 µF,
Rext = 10 kΩ
0.9
1
1.1
0.9
1.1
0.9
1.1
ms
∆tw‡
CL = 50 pF
±1
%
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† tw = Pulse duration at Q and Q outputs
‡ ∆tw = Output pulse-duration variation (Q and Q) between circuits in same package
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
50
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
51
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV221A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A-Q1 TI1-SN74LV221A-Q1 Datasheet
197Kb / 14P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LV221AD TI-SN74LV221AD Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - SN74LV221A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com