Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT594NSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT594NSR
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT594NSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHCT594NSR Datasheet HTML 2Page - Texas Instruments SN74AHCT594NSR Datasheet HTML 3Page - Texas Instruments SN74AHCT594NSR Datasheet HTML 4Page - Texas Instruments SN74AHCT594NSR Datasheet HTML 5Page - Texas Instruments SN74AHCT594NSR Datasheet HTML 6Page - Texas Instruments SN74AHCT594NSR Datasheet HTML 7Page - Texas Instruments SN74AHCT594NSR Datasheet HTML 8Page - Texas Instruments SN74AHCT594NSR Datasheet HTML 9Page - Texas Instruments SN74AHCT594NSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN54AHCT594, SN74AHCT594
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS417H − JUNE 1998 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHCT594
SN74AHCT594
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
4.4
V
VOH
IOH = −8 mA
4.5 V
3.94
3.8
3.8
V
VOL
IOL = 50 mA
4.5 V
0.1
0.1
0.1
V
VOL
IOL = 8 mA
4.5 V
0.36
0.44
0.44
V
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
∆ICC†
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
2
2.2
2.2
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
† This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
timing requirements over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AHCT594
SN74AHCT594
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
RCLK or SRCLK high or low
5
5.5
5.5
ns
tw
Pulse duration
RCLR or SRCLR low
5.2
5.5
5.5
ns
SER before SRCLK
3
3
3
SRCLK
↑ before RCLK↑‡
5
5
5
tsu
Setup time
SRCLR low before RCLK
5
5
5
ns
tsu
Setup time
SRCLR high (inactive) before SRCLK
2.9
3.3
3.3
ns
RCLR high (inactive) before RCLK
3.4
3.8
3.8
th
Hold time
SER after SRCLK
2
2
2
ns
‡ This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case the shift
register is one clock pulse ahead of the storage register.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74AHCT594NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT594NSR TI-SN74AHCT594NSR Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594NSR TI-SN74AHCT594NSR Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594NSRE4 TI-SN74AHCT594NSRE4 Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594NSRG4 TI-SN74AHCT594NSRG4 Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74AHCT594NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com