Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH162268DL Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH162268DL
Description  12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162268DL Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALVCH162268DL Datasheet HTML 5Page - Texas Instruments SN74ALVCH162268DL Datasheet HTML 6Page - Texas Instruments SN74ALVCH162268DL Datasheet HTML 7Page - Texas Instruments SN74ALVCH162268DL Datasheet HTML 8Page - Texas Instruments SN74ALVCH162268DL Datasheet HTML 9Page - Texas Instruments SN74ALVCH162268DL Datasheet HTML 10Page - Texas Instruments SN74ALVCH162268DL Datasheet HTML 11Page - Texas Instruments SN74ALVCH162268DL Datasheet HTML 12Page - Texas Instruments SN74ALVCH162268DL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
VM
VM
VM
VM
VM
VM
VM
VOH
VOL
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
Open
GND
RL
RL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + V
VOH − V
0 V
VI
0 V
0 V
tw
VI
VI
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
0 V
VI
VM
tPHL
VM
VM
VI
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VM
VM
tPLH
VLOAD
VLOAD/2
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2.7 V
3.3 V
± 0.3 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
2.7 V
2.7 V
VI
VCC/2
VCC/2
1.5 V
1.5 V
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUT
SN74ALVCH162268
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES018L – AUGUST 1995 – REVISED SEPTEMBER 2004
Figure 1. Load Circuit and Voltage Waveforms
9


Similar Part No. - SN74ALVCH162268DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162268DL TI-SN74ALVCH162268DL Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268DL TI1-SN74ALVCH162268DL Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268DLR TI1-SN74ALVCH162268DLR Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162268DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com