Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH162268GR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH162268GR
Description  12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162268GR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ALVCH162268GR Datasheet HTML 4Page - Texas Instruments SN74ALVCH162268GR Datasheet HTML 5Page - Texas Instruments SN74ALVCH162268GR Datasheet HTML 6Page - Texas Instruments SN74ALVCH162268GR Datasheet HTML 7Page - Texas Instruments SN74ALVCH162268GR Datasheet HTML 8Page - Texas Instruments SN74ALVCH162268GR Datasheet HTML 9Page - Texas Instruments SN74ALVCH162268GR Datasheet HTML 10Page - Texas Instruments SN74ALVCH162268GR Datasheet HTML 11Page - Texas Instruments SN74ALVCH162268GR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH162268
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES018L – AUGUST 1995 – REVISED SEPTEMBER 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
120
125
150
MHz
tw
Pulse duration, CLK high or low
3.3
3.3
3.3
ns
A data before CLK
4.5
4
3.4
B data before CLK
0.8
1.2
1
SEL before CLK
1.4
1.6
1.3
tsu
Setup time
ns
CLKENA1 or CLKENA2 before CLK
3.6
3.4
2.8
CLKEN1B or CLKEN2B before CLK
3.2
3
2.5
OE before CLK
4.2
3.9
3.2
A data after CLK
0
0
0.2
B data after CLK
1.3
1.2
1.3
SEL after CLK
1
1
1
th
Hold time
ns
CLKENA1 or CLKENA2 after CLK
0.1
0.1
0.4
CLKEN1B or CLKEN2B after CLK
0.1
0
0.5
OE after CLK
0
0
0.2
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
120
125
150
MHz
B
8
1.6
6.1
5.9
1.8
5.4
A (1B)
8
1.6
5.8
5.4
1.7
4.8
tpd
CLK
ns
A (2B)
8
1.6
5.8
5.3
1.8
4.8
A (SEL)
11
2.5
7.3
6.5
2.4
5.8
B
12
2.7
7.2
6.8
2.6
6.1
ten
CLK
ns
A
9
2
6.2
5.6
1.8
5.1
B
10
2.8
7.2
6.1
2.5
5.9
tdis
CLK
ns
A
9
2
6.5
5.4
2.1
5
T
A = 25°C
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
Outputs enabled
87
120
Cpd
Power dissipation capacitance
CL = 50 pF, f = 10 MHz
pF
Outputs disabled
80.5
118
8


Similar Part No. - SN74ALVCH162268GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162268GR TI1-SN74ALVCH162268GR Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162268GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com