Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV221ADBR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LV221ADBR
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV221ADBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV221ADBR Datasheet HTML 5Page - Texas Instruments SN74LV221ADBR Datasheet HTML 6Page - Texas Instruments SN74LV221ADBR Datasheet HTML 7Page - Texas Instruments SN74LV221ADBR Datasheet HTML 8Page - Texas Instruments SN74LV221ADBR Datasheet HTML 9Page - Texas Instruments SN74LV221ADBR Datasheet HTML 10Page - Texas Instruments SN74LV221ADBR Datasheet HTML 11Page - Texas Instruments SN74LV221ADBR Datasheet HTML 12Page - Texas Instruments SN74LV221ADBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SN54LV221A, SN74LV221A
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SCLS450G − DECEMBER 1999 − REVISED APRIL 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr + 3 ns, tf + 3 ns.
C. The outputs are measured one at a time, with one input transition per measurement.
50% VCC
tPLH
tPHL
VOH
VOL
VCC
50% VCC
50% VCC
VCC
Input A
(see Note B)
50% VCC
0 V
0 V
In-Phase
Output
Out-of-Phase
Output
VOLTAGE WAVEFORMS
DELAY TIMES
Input B
(see Note B)
VOL
VOH
LOAD CIRCUIT
Test
Point
CL
(see Note A)
From Output
Under Test
50% VCC
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
Input CLR
(see Note B)
Out-of-Phase
Output
In-Phase
Output
VOLTAGE WAVEFORMS
DELAY TIMES
50% VCC
50% VCC
50% VCC
50% VCC
VCC
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Inputs or
Outputs
50% VCC
50% VCC
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LV221ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV221ADBR TI-SN74LV221ADBR Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221ADBR TI-SN74LV221ADBR Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221ADBR TI-SN74LV221ADBR Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221ADBRE4 TI-SN74LV221ADBRE4 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221ADBRG4 TI-SN74LV221ADBRG4 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LV221ADBR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com