Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC40105 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC40105
Description  High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40105 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC40105 Datasheet HTML 3Page - Texas Instruments CD74HC40105 Datasheet HTML 4Page - Texas Instruments CD74HC40105 Datasheet HTML 5Page - Texas Instruments CD74HC40105 Datasheet HTML 6Page - Texas Instruments CD74HC40105 Datasheet HTML 7Page - Texas Instruments CD74HC40105 Datasheet HTML 8Page - Texas Instruments CD74HC40105 Datasheet HTML 9Page - Texas Instruments CD74HC40105 Datasheet HTML 10Page - Texas Instruments CD74HC40105 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
SI Pulse Width
HIGH or LOW
tW
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14
-
17
-
20
-
ns
SO Pulse Width
HIGH or LOW
tW
2
120
-
150
-
180
-
ns
4.5
24
-
30
-
36
-
ns
6
20
-
26
-
31
-
ns
DIR Pulse Width
HIGH or LOW
tW
2
200
-
250
-
300
-
ns
4.5
40
-
50
-
60
-
ns
6
34
-
43
-
51
-
ns
DOR Pulse Width
HIGH or LOW
tW
2
200
-
250
-
300
-
ns
4.5
40
-
50
-
60
-
ns
6
34
-
43
-
51
-
ns
MR Pulse Width HIGH
tW
2
120
-
150
-
180
-
ns
4.5
24
-
30
-
36
-
ns
6
20
-
26
-
31
-
ns
Removal Time
MR to SI
tREM
2
50
-
65
-
75
-
ns
4.5
10
-
13
-
15
-
ns
6
9
-
11
-
13
-
ns
Set-Up Time
Dn to SI
tSU
2
5
-5-5-
ns
4.5
5
-
5
-
5
-
ns
6
5
-5-5-
ns
Hold Time
Dn to SI
tH
2
125
-
155
-
190
-
ns
4.5
25
-
31
-
38
-
ns
6
21
-
26
-
32
-
ns
Maximum Pulse Frequency
SI, SO
fMAX
2
3
-2-2-
MHz
4.5
15
-
12
-
10
-
MHz
6
18
-
14
-
12
-
MHz
HCT TYPES
SI Pulse Width HIGH or LOW
tW
4.5
16
-
20
-
24
-
ns
SO Pulse Width HIGH or
LOW
tW
4.5
16
-
20
-
24
-
ns
DIR Pulse Width HIGH or
LOW
tW
4.5
40
-
50
-
60
-
ns
DOR Pulse Width HIGH or
LOW
tW
4.5
40
-
50
-
60
-
ns
MR Pulse Width HIGH
tW
4.5
24
-
30
-
36
-
ns
Removal Time MR to SI
tREM
4.5
15
-
19
-
22
-
ns
Set-Up Time Dn to SI
tSU
4.5
0
-
0
-
0
-
ns
Hold Time Dn to SI
tH
4.5
25
-
31
-
38
-
ns
Maximum Pulse Frequency
SI, SO
fMAX
4.5
15
-
12
-
10
-
MHz
CD54HC40105, CD74HC40105, CD54HCT40105, CD74HCT40105


Similar Part No. - CD74HC40105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105E TI-CD74HC40105E Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105E TI-CD74HC40105E Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results

Similar Description - CD74HC40105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com