Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTH373 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LVTH373
Description  3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH373 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54LVTH373 Datasheet HTML 5Page - Texas Instruments SN54LVTH373 Datasheet HTML 6Page - Texas Instruments SN54LVTH373 Datasheet HTML 7Page - Texas Instruments SN54LVTH373 Datasheet HTML 8Page - Texas Instruments SN54LVTH373 Datasheet HTML 9Page - Texas Instruments SN54LVTH373 Datasheet HTML 10Page - Texas Instruments SN54LVTH373 Datasheet HTML 11Page - Texas Instruments SN54LVTH373 Datasheet HTML 12Page - Texas Instruments SN54LVTH373 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVTH373DBR
SSOP
DB
20
2000
330.0
16.4
8.2
7.5
2.5
12.0
16.0
Q1
SN74LVTH373DWR
SOIC
DW
20
2000
330.0
24.4
10.8
13.0
2.7
12.0
24.0
Q1
SN74LVTH373PWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1


Similar Part No. - SN54LVTH373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH373 TI-SN54LVTH373 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373FK TI-SN54LVTH373FK Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373J TI-SN54LVTH373J Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373W TI-SN54LVTH373W Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTH373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH573 TI-SN54LVTH573_07 Datasheet
740Kb / 23P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373_07 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573_08 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVT573 TI-SN54LVT573 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH573 TI-SN74LVTH573 Datasheet
449Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL TRANSPARENT D TYPE LATCHES WITH 3 STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com