Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC40105E Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC40105E
Description  High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40105E Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC40105E Datasheet HTML 6Page - Texas Instruments CD74HC40105E Datasheet HTML 7Page - Texas Instruments CD74HC40105E Datasheet HTML 8Page - Texas Instruments CD74HC40105E Datasheet HTML 9Page - Texas Instruments CD74HC40105E Datasheet HTML 10Page - Texas Instruments CD74HC40105E Datasheet HTML 11Page - Texas Instruments CD74HC40105E Datasheet HTML 12Page - Texas Instruments CD74HC40105E Datasheet HTML 13Page - Texas Instruments CD74HC40105E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 3. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 4. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 5. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 6. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC40105, CD74HC40105, CD54HCT40105, CD74HCT40105


Similar Part No. - CD74HC40105E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC40105E TI-CD74HC40105E Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105E TI-CD74HC40105E Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105E TI-CD74HC40105E Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105EE4 TI-CD74HC40105EE4 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105EE4 TI-CD74HC40105EE4 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results

Similar Description - CD74HC40105E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com