Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM624FR16GU-70LF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EM624FR16GU-70LF
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM624FR16GU-70LF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EM624FR16GU-70LF Datasheet HTML 1Page - List of Unclassifed Manufacturers EM624FR16GU-70LF Datasheet HTML 2Page - List of Unclassifed Manufacturers EM624FR16GU-70LF Datasheet HTML 3Page - List of Unclassifed Manufacturers EM624FR16GU-70LF Datasheet HTML 4Page - List of Unclassifed Manufacturers EM624FR16GU-70LF Datasheet HTML 5Page - List of Unclassifed Manufacturers EM624FR16GU-70LF Datasheet HTML 6Page - List of Unclassifed Manufacturers EM624FR16GU-70LF Datasheet HTML 7Page - List of Unclassifed Manufacturers EM624FR16GU-70LF Datasheet HTML 8Page - List of Unclassifed Manufacturers EM624FR16GU-70LF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM620FV16B Series
Low Power, 128Kx16 SRAM
2
FEATURES
- Process Technology : 0.15
µm Full CMOS
-
Organization :128K x16
-
Power Supply Voltage
=> EM620FV16B : 2.7~3.6V
-
Low Data Retention Voltage : 1.5V
-
Three state output and TTL Compatible
-
Packaged product designed for 45/55/70ns
GENERAL PHYSICAL SPECIFICATIONS
-
Backside die surface of polished bare silicon
-
Typical Die Thickness = 725um +/-15um
-
Typical top-level metallization :
=> Metal (Ti/AlCu/TiN/ARC SiON/SiO2) : 5.2K Angstroms
-
Topside Passivation :
=> Passivation (HDP/pNIT/PIQ) : 5.4K Angstroms
-
Wafer diameter : 8 inch
OPTIONS
- C1/W1 : DC Probed Die/Wafer @ Hot Temp
- C2/W2 : DC/AC Probed Die/Wafer @ Hot Temp
29
56
+(0.0)
EM620FV16B (Dual C/S)
128K x16 Bit Low Power and Low Voltage CMOS Static RAM
BONDING INSTRUCTIONS
The 2M full CMOS SRAM die has total 56pads. Refer to the bond pad location and identification table for X, Y coordinates.
EMLSI recommends using a bond wire on back side of die onto Vss bond pad for improved noise immunity.
28
1
x
y
EMLSI LOGO
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
1024 x 2048
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A10 A11 A12 A13 A14 A15 A16
WE
OE
UB
LB
CS1
I/O0 ~ I/O7
I/O8 ~ I/O15
VCC
VSS
Control Logic
CS2
PAD DESCRIPTIONS
Name
Function
Name
Function
CS1,CS2
Chip select inputs
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
UB
Upper Byte (I/O8~15)
A0~A16
Address Inputs
LB
Lower Byte (I/O0~7)
I/O0~I/O15
Data Inputs/Outputs
NC
No Connection


Similar Part No. - EM624FR16GU-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM624FS16AT-10LL EMLSI-EM624FS16AT-10LL Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM624FS16AT-10S EMLSI-EM624FS16AT-10S Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM624FS16AT-70LL EMLSI-EM624FS16AT-70LL Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM624FS16AT-70S EMLSI-EM624FS16AT-70S Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM624FS16AV-10LL EMLSI-EM624FS16AV-10LL Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM624FR16GU-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com