Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU5107 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TFDU5107
Description  Low Profile Transceiver Module for Telecom Applications 9.6 kbit/s to 1.152 Mbit/s Data Transmission Rate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU5107 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TFDU5107 Datasheet HTML 4Page - Vishay Siliconix TFDU5107 Datasheet HTML 5Page - Vishay Siliconix TFDU5107 Datasheet HTML 6Page - Vishay Siliconix TFDU5107 Datasheet HTML 7Page - Vishay Siliconix TFDU5107 Datasheet HTML 8Page - Vishay Siliconix TFDU5107 Datasheet HTML 9Page - Vishay Siliconix TFDU5107 Datasheet HTML 10Page - Vishay Siliconix TFDU5107 Datasheet HTML 11Page - Vishay Siliconix TFDU5107 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.vishay.com
8
Document Number 82534
Rev. 1.7, 05-Dec-05
TFDU5107
Vishay Semiconductors
Recommended Solder Profile
Solder Profile for Sn/Pb soldering
Lead-Free, Recommended Solder Profile
The lead-frame based transceivers (all types with the
name TFDUxxxx) are lead (Pb)-free and qualified for
lead (Pb)-free and lead - bearing processing.
In case of using a lead-bearing process we recom-
mend a solder profile as shown in figure 4.
For lead (Pb)-free solder paste like Sn-(3.0-4.0)Ag-
(0.5-0.9)Cu, there are two standard reflow profiles:
Ramp-Soak-Spike (RSS) and Ramp-To-Spike (RTS).
The Ramp-Soak-Spike profile was developed prima-
rily for reflow ovens heated by infrared radiation. With
widespread use of forced convection reflow ovens the
Ramp-To-Spike profile is used increasingly. Shown
below in figure 5 and figure 6 are VISHAY’s recom-
mende profiles for use with the TFDUxxxx transceiv-
ers for lead (Pb)-free processing.
Figure 2. Recommended Solder Profile for Sn/Pb soldering
19431_1
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
50
100
150
200
250
300
350
Time/s
2...4 °C/s
2...4 °C/s
10 s max. at 230 °C
120 s...180 s
160 °C max.
240 °C max.
90 s max.
Figure 3. Solder Profile, RSS Recommendation
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
0
50
100
150
200
250
300
350
Time/s
20 s
2 °C...4 °C/s
2 °C...4 °C/s
90 s...120 s
T
≥ 217 °C for 50 s max
Tpeak = 260 °C max.
50 s max.
T
≥ 255 °C for 20 s max
19261


Similar Part No. - TFDU5107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU5107 VISHAY-TFDU5107 Datasheet
233Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications
Rev. A1.4, 01-Nov-02
TFDU5107-TR3 VISHAY-TFDU5107-TR3 Datasheet
233Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications
Rev. A1.4, 01-Nov-02
TFDU5107-TT3 VISHAY-TFDU5107-TT3 Datasheet
233Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications
Rev. A1.4, 01-Nov-02
More results

Similar Description - TFDU5107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS5607 VISHAY-TFBS5607 Datasheet
250Kb / 14P
   Integrated Low Profile Transceiver Module for Telekom Applications 9.6 kbit/s to 1.152 Mbit/s Data Transmission Rate
Rev. A1.3, 17-Jul-02
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFDU5307 VISHAY-TFDU5307 Datasheet
270Kb / 17P
   Fast Low Profile (2.5 mm) Infrared Transceiver Module(MIR, 1.152 Mbit/s) for IrDA Applications
Rev. 1.5, 07-Apr-06
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com