Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962M Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 1 Page - STMicroelectronics

  TS4962M Datasheet HTML 1Page - STMicroelectronics TS4962M Datasheet HTML 2Page - STMicroelectronics TS4962M Datasheet HTML 3Page - STMicroelectronics TS4962M Datasheet HTML 4Page - STMicroelectronics TS4962M Datasheet HTML 5Page - STMicroelectronics TS4962M Datasheet HTML 6Page - STMicroelectronics TS4962M Datasheet HTML 7Page - STMicroelectronics TS4962M Datasheet HTML 8Page - STMicroelectronics TS4962M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
January 2007
Rev 4
1/41
41
TS4962M
3W filter-free class D audio power amplifier
Features
Operating from VCC = 2.4V to 5.5V
Standby mode active low
Output power: 3W into 4
Ω and 1.75W into 8Ω
with 10% THD+N max and 5V power supply.
Output power: 2.3W @5V or 0.75W @ 3.0V
into 4
Ω with 1% THD+N max.
Output power: 1.4W @5V or 0.45W @ 3.0V
into 8
Ω with 1% THD+N max.
Adjustable gain via external resistors
Low current consumption 2mA @ 3V
Efficiency: 88% typ.
Signal to noise ratio: 85dB typ.
PSRR: 63dB typ. @217Hz with 6dB gain
PWM base frequency: 250kHz
Low pop & click noise
Thermal shutdown protection
Available in flip-chip 9 x 300
μm (Pb-free)
Description
The TS4962M is a differential Class-D BTL power
amplifier. It is able to drive up to 2.3W into a 4
Ω
load and 1.4W into a 8
Ω load at 5V. It achieves
outstanding efficiency (88%typ.) compared to
classical Class-AB audio amps.
The gain of the device can be controlled via two
external gain-setting resistors. Pop & click
reduction circuitry provides low on/off switch noise
while allowing the device to start within 5ms. A
standby function (active low) allows the reduction
of current consumption to 10nA typ.
Applications
Cellular phone
PDA
Notebook PC
Block diagram
In-
Stdby
In+
Out-
Out+
Vcc
C2
C1
A1
A2
A3
B1
B2
B3
C3
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
V
DD
1/A1
7/C1
8/C2
9/C3
4/B1
6/B3
2/A2
3/A3
5/B2
V
DD
IN
-
IN
+
GND
STBY
GND
OUT
+
OUT
-
V
DD
1/A1
7/C1
8/C2
9/C3
4/B1
6/B3
2/A2
3/A3
5/B2
V
DD
IN
-
IN
+
GND
STBY
GND
OUT
+
OUT
-
IN+: positive differential input
IN-: negative differential input
VDD: analog power supply
GND: power supply ground
STBY: standby pin (active low)
OUT+: positive differential output
OUT-: negative differential output
Pin connections
www.st.com


Similar Part No. - TS4962M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
TS4962MEIJT STMICROELECTRONICS-TS4962MEIJT Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
More results

Similar Description - TS4962M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com