Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS312XEXXDBV Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS312XEXXDBV
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS312XEXXDBV Datasheet(HTML) 1 Page - Texas Instruments

  TPS312XEXXDBV Datasheet HTML 1Page - Texas Instruments TPS312XEXXDBV Datasheet HTML 2Page - Texas Instruments TPS312XEXXDBV Datasheet HTML 3Page - Texas Instruments TPS312XEXXDBV Datasheet HTML 4Page - Texas Instruments TPS312XEXXDBV Datasheet HTML 5Page - Texas Instruments TPS312XEXXDBV Datasheet HTML 6Page - Texas Instruments TPS312XEXXDBV Datasheet HTML 7Page - Texas Instruments TPS312XEXXDBV Datasheet HTML 8Page - Texas Instruments TPS312XEXXDBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
APPLICATIONS
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
TPS3123/T
PS3128
RESET
GND
MR
VDD
WDI
3
2
4
5
1
TPS3124
RESET
GND
RESET
VDD
WDI
3
2
4
5
1
TPS3125/
TPS3126
RESET
GND
RESET
VDD
MR
MR
GND
VDD
RESET
TPS3123J12
XF
RESET
CVDD
DVDD
GND
1.2 V
TMS320UVC5402
WDI
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
SLVS227D – AUGUST 1999 – REVISED DECEMBER 2006
ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
• Minimum Supply Voltage of 0.75 V
• Supply Voltage Supervision Range:
1.2 V, 1.5 V, 1.8 V (TPS312x)
3 V (TPS3125 Devices Only)
Other Versions on Request
• Power-On Reset Generator With Fixed Delay
Time of 180 ms
• Manual Reset Input (TPS3123/5/6/8)
• Watchdog Timer Retriggers the RESET Output
at VDD ≥ VIT
• Supply Current of 14 µA (Typ)
• Small SOT23-5 Package
• Temperature Range of –40°C to +85°C
• Reset Output Available in Push-Pull (Active
Low and High) and Open-Drain (Active-Low)
• Applications Using Low Voltage DSPs,
Microcontrollers, or Microprocessors
• Portable/Battery-Powered Equipment
• Wireless Communication Systems
• Programmable Controls
• Industrial Equipment
• Notebook/Desktop Computers
• Intelligent Instruments
Figure 1. Typical Low-Voltage DSP Application
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS312XEXXDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3123 TI-TPS3123 Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123 TI-TPS3123 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-xx TI1-TPS3123-xx Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS312XEXXDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3125L30DBVTG4 TI-TPS3125L30DBVTG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com