Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83195BR-341 Datasheet(PDF) 6 Page - Winbond

Part # W83195BR-341
Description  WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BR-341 Datasheet(HTML) 6 Page - Winbond

Back Button W83195BR-341 Datasheet HTML 2Page - Winbond W83195BR-341 Datasheet HTML 3Page - Winbond W83195BR-341 Datasheet HTML 4Page - Winbond W83195BR-341 Datasheet HTML 5Page - Winbond W83195BR-341 Datasheet HTML 6Page - Winbond W83195BR-341 Datasheet HTML 7Page - Winbond W83195BR-341 Datasheet HTML 8Page - Winbond W83195BR-341 Datasheet HTML 9Page - Winbond W83195BR-341 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
W83195BR-341/W83195BG-341
CLOCK GEN. FOR VIA P4/KT SERIES CHIPSET
- 2 -
3. PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
FS0 */R E F0
GND
XIN
XOUT
VDDAGP
AGP 0
S ELP 4 _ K 7 * /A G P 1
AGP 2
GND
FS1 & /P C I_ F
S E L S D_ DD & /P C I1
M U LTS E L* /P C I2
GND
PC I3
PC I4
VDDP C I
PC I5
PC I6
GND
FS3 & /4 8 M h z
FS2 & /24_4 8M H z
VDD4 8
VDD
GND
IR E F
PD # * /R E SE T#
SC LK *
S DAT A*
VT T _ P W R GD# /R E F 1
VDDR
GND
C P UT /C P UOD_ T
C P UC /C P UOD_ C
VDDC
VDDI
CP U CS _ C
CP U CS _ T
GND
F B OUT
BU F _ IN
DDR T 0 /S DRAM 0
DDR C 0 /S DR AM 1
DDR T 1 /S DRAM 2
DDR C 1 /S DR AM 3
VDDD
GND
DDR T 2 /S DRAM 4
DDR C 2 /S DR AM 5
DDR T 3 /S DRAM 6
DDR C 3 /S DR AM 7
VDDD
GND
DDR T 4 /S DRAM 8
DDR C 4 /S DR AM 9
DDR T 5 /S DRAM 1 0
DDR C 5 /S DR AM 1 1
#: Active low
*: Internal pull up resistor 120KΩ to VDD
&: Internal Pull-down resistor 120KΩ to GND
4.
BLOCK DIAGRAM
PLL2
XT AL
OS C
PL L 1
Sp re a d
S p ectru m
M /N /R a tio
RO M
La tc h
&P O R
Co n tro l
Lo g ic
&C o n fig
Re g is te r
I2 C
In te rfa c e
Div id e r
VC OC L K
48M H z
RE F 0 :1
CP UT /C P U OD _ T
C P UC/C P U OD _ C
AG P ( 0 :2 )
PC I _ F
PC I 1 :6
RE S E T #
Rre f
XIN
XO UT
VT T _ P W R GD #
FS (0 :3 )
PD # *
S D AT A*
SC LK *
3
6
2
CP U C S _ T
CP U CS _ C
S E L P 4_K 7*
Divid er
24_ 48M H z
BU F _ IN
FB O U T
D D R T (0 :5 )/
S D R A M ( 0,2,4 ,6,8,1 0 )
D D R C (0 :5 )/
S D R A M (1,3 ,5,7,9,1 1)
6
6
PC I_ ST O P# *
CL K_ S T O P # *
SE LS D _ D D &
M U L T S EL*


Similar Part No. - W83195BR-341

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results

Similar Description - W83195BR-341

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83176R-733 WINBOND-W83176R-733 Datasheet
287Kb / 14P
   Winbond Dual Bank DDR BUFFER For VIA CHIPSET
logo
Renesas Technology Corp
HD151TS206SS RENESAS-HD151TS206SS Datasheet
193Kb / 34P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
HD151TS207SS RENESAS-HD151TS207SS Datasheet
210Kb / 38P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
logo
Winbond
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com