Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R-50
Description  Latex Mortar Overlayment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R-50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers R-50 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIXING
Raeco R-50 is mixed by adding R-50 latex at a rate of approximately 1 gallon (3.79 liters) of latex for each 50 lb. bag of dry powder.
More or less latex may be added to obtain the desired consistency, but do not exceed 2 gallons (7.58 liters) of latex for each 50 lb.
bag of R-50. The latex should be added to the mixing container first, then the R-50 powder, followed by the appropriate aggregate
(when used).
Using a mixing paddle (a whip type is recommended) with a low speed drill (400 to 500 rpm), mix thoroughly (2 to 3 minutes) until
the powder has been completely dispersed and the mix has acquired a smooth homogeneous texture.Do not add more latex binder
once R-50 has started setting up.The pot life of the mix averages about 30 minutes and working time 30 to 45 minutes, depending
on the temperature. It is recommended to mix only the amount of R-50 that can be applied within that amount of time.
APPLICATION
Apply the Raeco R-50 mixture with a trowel or straight edge, trowel to desired texture, on the prepared surface. Should a broom
finish be desired, do so after placement. Do not add or spray latex onto the surface for finishing, it may cause the surface to spall.
Rough spots or trowel marks may be sanded off the surface, using a medium to fine grit sandpaper after R-50 has setup. Sanding
should be accomplished no later than 24 hours after application. Allow an adequate curing time before applying a sealer, by using
the R-50 latex or a water based concrete sealer (surface or penetrating).When R-50 is going to be a wearing surface, a sealer or coat-
ing is recommended.
When R-50 is to be applied on surfaces other than concrete (i.e., wood, metal, terrazzo, gypsum underlayments, etc.), consult Raeco’s
Technical Service Department for recommended preparation, bonding, and application procedures.
LIMITATIONS
Raeco R-50 should only be applied over substrates that are between 40
° and 90° F.(4.4° and 32.2° C.) Do not apply in the rain,and
do not allow to freeze before curing has taken place. When applying R-50 to thickness greater than 1/2” (12.7 mm), bulk the mix
with the appropriate type and amount of aggregate (refer to Coverage section of Data Sheet).
WARNING
Raeco R-50 contains portland cement and silica sand.Use of a dust respirator,safety goggles and rubber gloves are recommended.In
case of contact with eyes, immediately flush with water and consult a physician. Avoid hazards by following all precautions found in
the Material Safety Data Sheet (MSDS), product labels and technical literature. Please read this information prior to using product.
WARRANTY
Raeco,Inc.warrants that if its products prove to have manufacturing defects and Raeco is notified of such within six months from the
date Raeco shipped the products, Raeco will replace the defective products F.O.B.factory.Such product replacement shall constitute
the sole and exclusive remedy for any claim under this warranty. Raeco does not authorize anyone, including Raeco Representatives,
to make any statements that supersede, modify or supplement the information provided on its printed literature or package labels
without written confirmation from the Raeco Technical Service Department. Any installations proceeding without this confirmation,
or improper installations of the products will void this warranty. Under no circumstances will Raeco be liable for economics, special,
incidental, or consequential damages or losses of any kind whatsoever arising out of or occasioned by selection, use installation or
replacement of this product.
GUIDE SPECIFICATIONS: Consult Raeco, Inc. for R-50 & Stained R-50 Guide Spec (4 pages) latest edition.
Raeco, Inc.
915 S. Carstens Place / P.O. Box 80545
Seattle, Washington 98108
Phone: (206) 763-1335 Toll free: (877) 763-1330
Fax: (206) 768-0175 E-mail: info@raecoinc.com
Website: www.raecoinc.com


Similar Part No. - R-50

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
R-50C-011-3 KEYSIGHT-R-50C-011-3 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-011-5 KEYSIGHT-R-50C-011-5 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-016-3 KEYSIGHT-R-50C-016-3 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-016-5 KEYSIGHT-R-50C-016-5 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-021-3 KEYSIGHT-R-50C-021-3 Datasheet
1Mb / 14P
   P-Series Power Meters and
More results

Similar Description - R-50

ManufacturerPart #DatasheetDescription
logo
Bertech.
LPF BERTECH-LPF Datasheet
173Kb / 1P
   Cleanroom Compatible Latex Gloves
logo
SIKA BUILDING TRUST
MORTAR-KL SIKA-MORTAR-KL Datasheet
568Kb / 2P
   Parex Historic Mortar KL
January 2022, Version 01.01
logo
List of Unclassifed Man...
R500L ETC2-R500L Datasheet
274Kb / 3P
   QUICK SETTING REPROFILING AND ANCHORING MORTAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com