Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R-50
Description  Latex Mortar Overlayment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R-50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers R-50 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
Raeco R-50 is a two component, concrete repair and topping
compound consisting of a uniform,premixed blend of portland
cements and graded washed silica aggregates with a liquid latex
modifier to promote lasting surface adhesion, for renovation
and new construction. R-50 can be applied from feathered
edge to any depth, for thickness greater than 1/2” (12.7 mm)
use appropriate aggregate. R-50 should be used for horizontal
surfaces.Suitable for interior and exterior use,a sealer or coating
is recommended when used for a wearing surface.R-50 provides
excellent freeze-thaw resistance against the penetration of
deicing salts and other contaminants. Raeco R-50 contains no
gypsum, chlorides, ferrous metals or corrosive agents.
PROPERTIES
7 Days
28 Days
Compressive Strength
PSI (ASTM C-1439)
4710
5560
Tensile Strength, PSI (ASTM C-190)
850
Flexural Strength, PSI
(ASTM C-256)
1700
Shear Bond, PSI (Dow Test Method)
650+
Flame Spread:
0
Fuel Contribution
0
Smoke Development:
0
Compatible with most floor adhesives
Smooth or broom finish achievable
Horizontal application
Fire Retardant
Non-toxic
Corrosion Resistant
U.S.D.A. approved
AREAS OF USE
Parking deck repairs and overlays
Horizontal & vertical applications
Exterior applications for walkways & ramps
Warehouse & industrial repairs or overlays
Areas exposed to heavy-duty loads
Leveling or creating pitch to drains
Rained out or freeze damaged slabs
Areas with varying weather cycle
Corrosion-resistant overlays
PACKAGING
50 lb. bags (22.5 kg.)
(40 bags per pallet)
1.2 gallon container (4.55 liters)
5 gallon pail (18.9 liters)
50 gallon drum (189.5 liters)
APPROXIMATE COVERAGE
50 lb. bag: 50 sf (4.64 m2) @ 1/8” (3.18 mm)
Bulked with #8 Silica sand
50 lb. bag: 18.75 sq. ft. (1.73 m2) @ 1/2” (12.7 mm)
Bulked with 3/8” pea gravel
50 lb. bag: 9.06 sq. ft. (.83 m2) @ 1” (25.4 mm)
For Thickness:
1/2” to 1” use #8 silica sand @ 25 lbs. (11.25 kg) per bag
1” & up use 3/8” pea gravel @ 25 lbs. (11.25 kg) per bag
The values presented are typical averages and are intended to
serve as a guide only.
SURFACE PREPARATION
Surfaces to be covered must be structurally sound, clean and free of dust, oil, grease, sealers, curing compounds,
laitance, release agents or other surface contaminants. For smooth surfaces, we recommend mechanical abrasion to achieve an ac-
ceptable surface profile. The cleaning and preparation method selected depends on both the sub-floor material and its condition.
Acid etching is not recommended. For optimum adhesion, mix R-50 with the latex to a slurry consistency and brush thoroughly into
the area to be covered. Raeco R-2000 may also be used as a bonding medium. DO NOT USE R-50 LATEX AS A BONDING AGENT.
R-50 Latex Mortar Overlayment
Product Data Sheet


Similar Part No. - R-50

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
R-50C-011-3 KEYSIGHT-R-50C-011-3 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-011-5 KEYSIGHT-R-50C-011-5 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-016-3 KEYSIGHT-R-50C-016-3 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-016-5 KEYSIGHT-R-50C-016-5 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-021-3 KEYSIGHT-R-50C-021-3 Datasheet
1Mb / 14P
   P-Series Power Meters and
More results

Similar Description - R-50

ManufacturerPart #DatasheetDescription
logo
Bertech.
LPF BERTECH-LPF Datasheet
173Kb / 1P
   Cleanroom Compatible Latex Gloves
logo
SIKA BUILDING TRUST
MORTAR-KL SIKA-MORTAR-KL Datasheet
568Kb / 2P
   Parex Historic Mortar KL
January 2022, Version 01.01
logo
List of Unclassifed Man...
R500L ETC2-R500L Datasheet
274Kb / 3P
   QUICK SETTING REPROFILING AND ANCHORING MORTAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com