Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4993 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4993
Description  Low drop voltage regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4993 Datasheet HTML 2Page - STMicroelectronics L4993 Datasheet HTML 3Page - STMicroelectronics L4993 Datasheet HTML 4Page - STMicroelectronics L4993 Datasheet HTML 5Page - STMicroelectronics L4993 Datasheet HTML 6Page - STMicroelectronics L4993 Datasheet HTML 7Page - STMicroelectronics L4993 Datasheet HTML 8Page - STMicroelectronics L4993 Datasheet HTML 9Page - STMicroelectronics L4993 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Block diagram and pins description
L4993
6/30
Figure 2.
Pins configuration
Table 2.
Pins description
Pin
name
SO-8 (D)
SO-20 (MD)
Function
WEn
1
1
Watchdog Enable input
If high watchdog functionality is active
Gnd
2
4
Ground reference
Gnd
5, 6, 15, 16
Ground
Connected these pins to a heat spreader ground
Res
3
7
Reset output.
It is pulled down when output voltage goes below Vo_th
or frequency at Wi is too low.
Leave floating if not used.
Vcr
4
10
Reset timing adjust.
A capacitor between Vcr pin and gnd, sets the reset
delay time (trd)
Vcw
5
11
Watchdog timer adjust
A capacitor between Vcw pin and gnd, sets the time
response of the watchdog monitor.
Wi
6
14
Watchdog input.
If the frequency at this input pin is too low, the Reset
output is activated.
Connect to ground if not used
Vos
717
Voltage regulator output
Block to ground with a capacitor >100nF (needed for
regulator stability)
Vs
8
20
Supply voltage
Block to ground directly at IC pin with a capacitor
N.C.
2, 3, 8, 9, 12,
13, 18, 19
Not connected
WEn
GND
Res
Vcr
1
2
3
4
5
6
7
8
Vs
Vos
Wi
Vcw
WEn
N.C.
N.C.
GND
GND
GND
Res
N.C.
N.C.
Vcr
10
9
8
7
6
5
4
3
2
1
20
N.C.
N.C.
Vos
GND
GND
Wi
N.C.
N.C.
Vcw
11
12
13
14
15
16
17
18
19
Vs
SO-8
SO-20


Similar Part No. - L4993

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4993D STMICROELECTRONICS-L4993D Datasheet
1Mb / 22P
   for car body applications
L4993MD STMICROELECTRONICS-L4993MD Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - L4993

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com