Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4993D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4993D
Description  Low drop voltage regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4993D Datasheet HTML 4Page - STMicroelectronics L4993D Datasheet HTML 5Page - STMicroelectronics L4993D Datasheet HTML 6Page - STMicroelectronics L4993D Datasheet HTML 7Page - STMicroelectronics L4993D Datasheet HTML 8Page - STMicroelectronics L4993D Datasheet HTML 9Page - STMicroelectronics L4993D Datasheet HTML 10Page - STMicroelectronics L4993D Datasheet HTML 11Page - STMicroelectronics L4993D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical specifications
L4993
8/30
2.3
Electrical characteristics
Values specified in this section are for Vs =5.6V to 31V, Tj= -40°C to +150°C unless
otherwise stated.
Table 5.
General
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vo
Vo_ref
Output voltage
Vs = 6 to 31V
Io = 1 to 150mA
4.9
5.0
5.1
V
Vo
Ishort
Short circuit current
Vs = 13.5V(1)
1.
See Figure 25.
150
280
400
mA
Vo
Ilim
(2)
2.
Measured output current when the output voltage has dropped 100mV from its nominal value obtained at
Vs=13.5V and Io= 75mA
.
Output current limitation
Vs = 13.5V
(1)
150
320
500
mA
Vs, Vo
Vline
Line regulation voltage
Vs = 6 to 31V
Io = 1 to 150mA
25
mV
Vo
Vload
Load regulation voltage
Io = 1 to 150mA
25
mV
Vs, Vo
Vdp
(3)
3.
Vs-Vo measured when the output voltage has dropped 100mV from its nominal value obtained at
Vs=13.5V and Io= 75mA
.
Drop voltage
Io = 150mA
200
400
mV
Vs, Vo
SVR
Ripple rejection
fr = 100 Hz (4)
4.
Guaranteed by design.
55
dB
Vs, Vo
Iqn_150
Quiescent current
Vs=13.5V,
Io=150mA,
WEn = high
1.25
2
mA
Vs, Vo
Iqn_50
Quiescent current
Vs=13.5V,
Io= 50mA,
WEn = high
470
1000
µA
Vs, Vo
Iqn_1
Quiescent current
Vs=13.5V,
Io< 1mA,
WEn = high
100
180
µA
Vs, Vo
Iqs
Quiescent current with
watchdog regulator
disabled
Vs=13.5V,
Io< 1mA,
WEn = low
79
125
µA
Tw
Thermal protection
temperature
150
190
°C
Tw_hy
Thermal protection
temperature hysteresis
10
°C


Similar Part No. - L4993D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4993D STMICROELECTRONICS-L4993D Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - L4993D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com