Electronic Components Datasheet Search |
|
MAX16008 Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX16008 Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 14 page Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN _______________________________________________________________________________________ 7 Pin Description (continued) PIN NAME FUNCTION 13 16 UVOUT2 Active-Low Undervoltage Output 2. When the voltage at UVIN2 falls below its threshold, UVOUT2 asserts low and stays asserted until the voltage at UVIN2 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC. 14 17 OVOUT1 Active-Low Overvoltage Output 1. When the voltage at OVIN1 rises above its threshold, OVOUT1 asserts low and stays asserted until the voltage at OVIN1 falls below its threshold. The open-drain output has a 30µA internal pullup to VCC. 15 18 UVOUT1 Active-Low Undervoltage Output 1. When the voltage at UVIN1 falls below its threshold, UVOUT1 asserts low and stays asserted until the voltage at UVIN1 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC. 16 20 UVIN1 Undervoltage Threshold Input 1. When the voltage on UVIN1 falls below its threshold, UVOUT1 asserts low. 17 21 OVIN1 Overvoltage Threshold Input 1. When the voltage on OVIN1 rises above its threshold, OVOUT1 asserts low. 18 22 UVIN2 Undervoltage Threshold Input 2. When the voltages on UVIN2 falls below its threshold, UVOUT2 asserts low. 19 23 OVIN2 Overvoltage Threshold Input 2. When the voltage on OVIN2 rises above its threshold, OVOUT2 asserts low. — 5 N.C. Not Internally Connected —12 MR Active-Low Manual Reset Input. Pull MR low to assert RESET low. RESET remains low for the reset timeout period after MR is deasserted. MR is pulled up to VCC through a 20k Ω resistor. — 13 SRT Set Reset Timeout Input. Connect a capacitor from SRT to GND to set the reset timeout period. The reset timeout period can be calculated as follows: Reset Timeout (s) = 2.06 x 106 ( Ω) x CSRT (F). Do not set the reset timeout period to more than 1.12s. For the internal timeout period of 140ms (min), connect SRT to VCC. —19 RESET Active-Low Reset Output. RESET asserts low when the voltage on any of the UVIN_ inputs falls below their respective thresholds, the voltage on any of the OVIN_ inputs goes above its respective threshold, or MR is asserted. RESET remains asserted for at least the minimum reset timeout after all monitored UVIN_ inputs exceed their respective thresholds, all OVIN_ inputs fall below their respective thresholds, and MR is deasserted. This open-drain output has a 30µA internal pullup. EP EP EP Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to provide a low thermal resistance path from the IC junction to the PC board. Do not use as the only electrical connection to GND. |
Similar Part No. - MAX16008 |
|
Similar Description - MAX16008 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |